Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 181 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 181 Page - Microchip Technology

Back Button D131 Datasheet HTML 177Page - Microchip Technology D131 Datasheet HTML 178Page - Microchip Technology D131 Datasheet HTML 179Page - Microchip Technology D131 Datasheet HTML 180Page - Microchip Technology D131 Datasheet HTML 181Page - Microchip Technology D131 Datasheet HTML 182Page - Microchip Technology D131 Datasheet HTML 183Page - Microchip Technology D131 Datasheet HTML 184Page - Microchip Technology D131 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 181
PIC24FJ256GA705 FAMILY
bit 4-0
SYNCSEL<4:0>: Trigger/Synchronization Source Selection bits
11111 = OCx Sync out(1)
11110 = OCTRIG1 pin
11101 = OCTRIG2 pin
11100 = CTMU trigger(2)
11011 = A/D interrupt(2)
11010 = CMP3 Trigger(2)
11001 = CMP2 Trigger(2)
11000 = CMP1 Trigger(2)
10111 = Not used
10110 = MCCP4 IC/OC interrupt
10101 = MCCP3 IC/OC interrupt
10100 = MCCP2 IC/OC interrupt
10011 = MCCP1 IC/OC interrupt
10010 = IC3 interrupt(2)
10001 = IC2 interrupt(2)
10000 = IC1 interrupt(2)
01111 = Not used
01110 = Not used
01101 = Timer3 match event
01100 = Timer2 match event (default)
01011 = Timer1 match event
01010 = Not used
01001 = Not used
01000 = Not used
00111 = MCCP4 Sync/Trigger out
00110 = MCCP3 Sync/Trigger out
00101 = MCCP2 Sync/Trigger out
00100 = MCCP1 Sync/Trigger out
00011 = Not used
00010 = OC3 Sync/Trigger out(1)
00001 = OC1 Sync/Trigger out(1)
00000 = Off, Free-Running mode with no synchronization and rollover at FFFFh
REGISTER 15-2:
OCxCON2: OUTPUT COMPARE x CONTROL REGISTER 2 (CONTINUED)
Note 1:
Never use an Output Compare x module as its own Trigger source, either by selecting this mode or
another equivalent SYNCSELx setting.
2:
Use these inputs as Trigger sources only and never as Sync sources.
3:
The DCB<1:0> bits are double-buffered in the PWM modes only (OCM<2:0> (OCxCON1<2:0>) = 111, 110).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com