Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 50 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 50 Page - Microchip Technology

Back Button D131 Datasheet HTML 46Page - Microchip Technology D131 Datasheet HTML 47Page - Microchip Technology D131 Datasheet HTML 48Page - Microchip Technology D131 Datasheet HTML 49Page - Microchip Technology D131 Datasheet HTML 50Page - Microchip Technology D131 Datasheet HTML 51Page - Microchip Technology D131 Datasheet HTML 52Page - Microchip Technology D131 Datasheet HTML 53Page - Microchip Technology D131 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 50
 2016-2018 Microchip Technology Inc.
COMPARATORS
COMPARATORS (CONTINUED)
CMSTAT
02E6
0000
CM3CON
02EE
0000
CVRCON
02E8
00xx
ANALOG CONFIGURATION
CM1CON
02EA
0000
ANCFG
02F4
0000
CM2CON
02EC
0000
TABLE 4-6:
SFR MAP: 0200h BLOCK (CONTINUED)
File Name
Address
All Resets
File Name
Address
All Resets
Legend:
x = undefined. Reset values are shown in hexadecimal.
TABLE 4-7:
SFR MAP: 0300h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
MULTIPLE OUTPUT CAPTURE/COMPARE/PWM
UART
CCP4CON1L
0300
0000
U1MODE
0398
0000
CCP4CON1H
0302
0000
U1STA
039A
0110
CCP4CON2L
0304
0000
U1TXREG
039C
x0xx
CCP4CON2H
0306
0100
U1RXREG
039E
0000
CCP4CON3L
0308
0000
U1BRG
03A0
0000
CCP4CON3H
030A
0000
U1ADMD
03A2
0000
CCP4STATL
030C
00x0
U2MODE
03AE
0000
CCP4STATH
030E
0000
U2STA
03B0
0110
CCP4TMRL
0310
0000
U2TXREG
03B2
xxxx
CCP4TMRH
0312
0000
U2RXREG
03B4
0000
CCP4PRL
0314
FFFF
U2BRG
03B6
0000
CCP4PRH
0316
FFFF
U2ADMD
03B8
0000
CCP4RAL
0318
0000
SPI
CCP4RAH
031A
0000
SPI1CON1L
03F4
0x00
CCP4RBL
031C
0000
SPI1CON1H
03F6
0000
CCP4RBH
031E
0000
SPI1CON2L
03F8
0000
CCP4BUFL
0320
0000
SPI1STATL
03FC
0028
CCP4BUFH
0322
0000
SPI1CON2H
03F8
0000
SPI1STATH
03FE
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com