Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 27 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 27 Page - Microchip Technology

Back Button D131 Datasheet HTML 23Page - Microchip Technology D131 Datasheet HTML 24Page - Microchip Technology D131 Datasheet HTML 25Page - Microchip Technology D131 Datasheet HTML 26Page - Microchip Technology D131 Datasheet HTML 27Page - Microchip Technology D131 Datasheet HTML 28Page - Microchip Technology D131 Datasheet HTML 29Page - Microchip Technology D131 Datasheet HTML 30Page - Microchip Technology D131 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 27
PIC24FJ256GA705 FAMILY
SCL1
17
14
44
48
I/O
I2C
I2C1 Synchronous Serial Clock Input/Output
SCL2
7
4
24
26
I/O
I2C
I2C2 Synchronous Serial Clock Input/Output
SDA1
18
15
1
1
I/O
I2C
I2C1 Data Input/Output
SDA2
6
3
23
25
I/O
I2C
I2C2 Data Input/Output
SOSCI
11
8
33
36
I
ANA/ST Secondary Oscillator/Timer1 Clock Input
SOSCO
12
9
34
37
O
ANA
Secondary Oscillator/Timer1 Clock Output
T1CK
18
15
1
1
I
ST
Timer1 Clock
TCK
17
14
13
14
I
ST
JTAG Test Clock/Programming Clock Input
TDI
21
18
35
38
I
ST
JTAG Test Data/Programming Data Input
TDO
18
15
32
35
O
DIG
JTAG Test Data Output
TMPRN
18
15
1
1
I
ST
Tamper Detect Input
TMS
22
19
12
13
I
ST
JTAG Test Mode Select Input
VCAP
20
17
7
7
P
—
External Filter Capacitor
Connection (regulator enabled)
VDD
13, 28
10, 25
28, 40
30, 43
P
—
Positive Supply for Peripheral Digital Logic
and I/O Pins
VREF+
2
27
19
21
I
ANA
Comparator and A/D Reference Voltage
(high) Input
VREF-
3
28
20
22
I
ANA
Comparator and A/D Reference Voltage
(low) Input
VSS
8, 19, 27
5, 16, 24
6, 29, 39
6, 31, 42
P
—
Ground Reference for
Peripheral Digital Logic and I/O Pins
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com