Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 198 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 198 Page - Microchip Technology

Back Button D131 Datasheet HTML 194Page - Microchip Technology D131 Datasheet HTML 195Page - Microchip Technology D131 Datasheet HTML 196Page - Microchip Technology D131 Datasheet HTML 197Page - Microchip Technology D131 Datasheet HTML 198Page - Microchip Technology D131 Datasheet HTML 199Page - Microchip Technology D131 Datasheet HTML 200Page - Microchip Technology D131 Datasheet HTML 201Page - Microchip Technology D131 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 198
 2016-2018 Microchip Technology Inc.
REGISTER 16-7:
CCPxSTATL: CCPx STATUS REGISTER LOW
U-0
U-0
U-0
U-0
U-0
W-0
U-0
U-0
—
—
—
—
—ICGARM
—
—
bit 15
bit 8
R-0
W1-0
W1-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
CCPTRIG
TRSET
TRCLR
ASEVT
SCEVT
ICDIS
ICOV
ICBNE
bit 7
bit 0
Legend:
C = Clearable bit
W = Writable bit
R = Readable bit
W1 = Write ‘1’ Only bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10
ICGARM: Input Capture Gate Arm bit
A write of ‘1’ to this location will arm the Input Capture x module for a one-shot gating event when
ICGSM<1:0> = 01 or 10; read as ‘0’.
bit 9-8
Unimplemented: Read as ‘0’
bit 7
CCPTRIG: CCPx Trigger Status bit
1 = Timer has been triggered and is running
0 = Timer has not been triggered and is held in Reset
bit 6
TRSET: CCPx Trigger Set Request bit
Writes ‘1’ to this location to trigger the timer when TRIGEN = 1 (location always reads as ‘0’).
bit 5
TRCLR: CCPx Trigger Clear Request bit
Writes ‘1’ to this location to cancel the timer trigger when TRIGEN = 1 (location always reads as ‘0’).
bit 4
ASEVT: CCPx Auto-Shutdown Event Status/Control bit
1 = A shutdown event is in progress; CCPx outputs are in the shutdown state
0 = CCPx outputs operate normally
bit 3
SCEVT: Single Edge Compare Event Status bit
1 = A single edge compare event has occurred
0 = A single edge compare event has not occurred
bit 2
ICDIS: Input Capture x Disable bit
1 = Event on Input Capture x pin (ICMx) does not generate a capture event
0 = Event on Input Capture x pin will generate a capture event
bit 1
ICOV: Input Capture x Buffer Overflow Status bit
1 = The Input Capture x FIFO buffer has overflowed
0 = The Input Capture x FIFO buffer has not overflowed
bit 0
ICBNE: Input Capture x Buffer Status bit
1 = Input Capture x buffer has data available
0 = Input Capture x buffer is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com