Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 215 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 215 Page - Microchip Technology

Back Button D131 Datasheet HTML 211Page - Microchip Technology D131 Datasheet HTML 212Page - Microchip Technology D131 Datasheet HTML 213Page - Microchip Technology D131 Datasheet HTML 214Page - Microchip Technology D131 Datasheet HTML 215Page - Microchip Technology D131 Datasheet HTML 216Page - Microchip Technology D131 Datasheet HTML 217Page - Microchip Technology D131 Datasheet HTML 218Page - Microchip Technology D131 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 215
PIC24FJ256GA705 FAMILY
REGISTER 17-10: SPIxIMSKH: SPIx INTERRUPT MASK REGISTER HIGH
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RXWIEN
—
RXMSK5(1) RXMSK4(1,4)
RXMSK3(1,3)
RXMSK2(1,2)
RXMSK1(1)
RXMSK0(1)
bit 15
bit 8
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TXWIEN
—TXMSK5(1)
TXMSK4(1,4)
TXMSK3(1,3)
TXMSK2(1,2)
TXMSK1(1)
TXMSK0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
RXWIEN: Receive Watermark Interrupt Enable bit
1 = Triggers receive buffer element watermark interrupt when RXMSK<5:0>  RXELM<5:0>
0 = Disables receive buffer element watermark interrupt
bit 14
Unimplemented: Read as ‘0’
bit 13-8
RXMSK<5:0>: RX Buffer Mask bits(1,2,3,4)
RX mask bits; used in conjunction with the RXWIEN bit.
bit 7
TXWIEN: Transmit Watermark Interrupt Enable bit
1 = Triggers transmit buffer element watermark interrupt when TXMSK<5:0> = TXELM<5:0>
0 = Disables transmit buffer element watermark interrupt
bit 6
Unimplemented: Read as ‘0’
bit 5-0
TXMSK<5:0>: TX Buffer Mask bits(1,2,3,4)
TX mask bits; used in conjunction with the TXWIEN bit.
Note 1:
Mask values higher than FIFODEPTH are not valid. The module will not trigger a match for any value in
this case.
2:
RXMSK2 and TXMSK2 bits are only present when FIFODEPTH = 8 or higher.
3:
RXMSK3 and TXMSK3 bits are only present when FIFODEPTH = 16 or higher.
4:
RXMSK4 and TXMSK4 bits are only present when FIFODEPTH = 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com