Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 223 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 223 Page - Microchip Technology

Back Button D131 Datasheet HTML 219Page - Microchip Technology D131 Datasheet HTML 220Page - Microchip Technology D131 Datasheet HTML 221Page - Microchip Technology D131 Datasheet HTML 222Page - Microchip Technology D131 Datasheet HTML 223Page - Microchip Technology D131 Datasheet HTML 224Page - Microchip Technology D131 Datasheet HTML 225Page - Microchip Technology D131 Datasheet HTML 226Page - Microchip Technology D131 Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 223
PIC24FJ256GA705 FAMILY
18.2
Setting Baud Rate When
Operating as a Bus Master
To compute the Baud Rate Generator reload value, use
Equation 18-1.
EQUATION 18-1:
COMPUTING BAUD RATE
RELOAD VALUE(1,2,3)
18.3
Slave Address Masking
The I2CxMSK register (Register 18-4) designates
address bit positions as “don’t care” for both 7-Bit and
10-Bit Addressing modes. Setting a particular bit
location (= 1) in the I2CxMSK register causes the slave
module to respond, whether the corresponding address
bit value is a ‘0’ or a ‘1’. For example, when I2CxMSK is
set to ‘0010000000’, the slave module will detect both
addresses, ‘0000000000’ and ‘0010000000’.
To enable address masking, the Intelligent Peripheral
Management Interface (IPMI) must be disabled by
clearing the STRICT bit (I2CxCONL<11>).
TABLE 18-2:
I2Cx RESERVED ADDRESSES(1)
Note 1: Based on FCY = FOSC/2; Doze mode
and PLL are disabled.
2: These clock rate values are for
guidance only. The actual clock rate
can be affected by various system-
level parameters. The actual clock rate
should be measured in its intended
application.
3: BRG values of 0 and 1 are forbidden.
FSCL =
FCY
(I2CxBRG + 2) * 2
[ FCY
(FSCL * 2)
– 2
or:
]
I2CxBRG =
Note:
As a result of changes in the I2C protocol,
the addresses in Table 18-2 are reserved
and will not be Acknowledged in Slave
mode. This includes any address mask
settings that include any of these
addresses.
TABLE 18-1:
I2Cx CLOCK RATES(1,2)
Required System FSCL
FCY
I2CxBRG Value
Actual FSCL
(Decimal)
(Hexadecimal)
100 kHz
16 MHz
78
4E
100 kHz
100 kHz
8 MHz
38
26
100 kHz
100 kHz
4 MHz
18
12
100 kHz
400 kHz
16 MHz
18
12
400 kHz
400 kHz
8 MHz
8
8
400 kHz
400 kHz
4 MHz
3
3
400 kHz
1MHz
16 MHz
6
6
1.000 MHz
1MHz
8MHz
2
2
1.000MHz
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
2:
These clock rate values are for guidance only. The actual clock rate can be affected by various
system-level parameters. The actual clock rate should be measured in its intended application.
Slave Address
R/W Bit
Description
0000 000
0
General Call Address(2)
0000 000
1
Start Byte
0000 001
x
Cbus Address
0000 01x
x
Reserved
0000 1xx
x
HS Mode Master Code
1111 0xx
x
10-Bit Slave Upper Byte(3)
1111 1xx
x
Reserved
Note 1:
The address bits listed here will never cause an address match independent of address mask settings.
2:
This address will be Acknowledged only if GCEN = 1.
3:
A match on this address can only occur on the upper byte in 10-Bit Addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com