Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 248 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 248 Page - Microchip Technology

Back Button D131 Datasheet HTML 244Page - Microchip Technology D131 Datasheet HTML 245Page - Microchip Technology D131 Datasheet HTML 246Page - Microchip Technology D131 Datasheet HTML 247Page - Microchip Technology D131 Datasheet HTML 248Page - Microchip Technology D131 Datasheet HTML 249Page - Microchip Technology D131 Datasheet HTML 250Page - Microchip Technology D131 Datasheet HTML 251Page - Microchip Technology D131 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 248
 2016-2018 Microchip Technology Inc.
REGISTER 20-7:
PMCSxMD: EPMP CHIP SELECT x MODE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
ACKM1
ACKM0
AMWAIT2
AMWAIT1
AMWAIT0
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DWAITB1
DWAITB0
DWAITM3
DWAITM2
DWAITM1
DWAITM0
DWAITE1
DWAITE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
ACKM<1:0>: Chip Select x Acknowledge Mode bits
11 = Reserved
10 = PMACKx is used to determine when a read/write operation is complete
01 = PMACKx is used to determine when a read/write operation is complete with time-out
(If DWAITM<3:0> = 0000, the maximum time-out is 255 TCY or else it is DWAITM<3:0> cycles.)
00 = PMACKx is not used
bit 13-11
AMWAIT<2:0>: Chip Select x Alternate Master Wait State bits
111 = Wait of ten alternate master cycles
...
001 = Wait of four alternate master cycles
000 = Wait of three alternate master cycles
bit 10-8
Unimplemented: Read as ‘0’
bit 7-6
DWAITB<1:0>: Chip Select x Data Setup Before Read/Write Strobe Wait State bits
11 = Wait of 3¼ TCY
10 = Wait of 2¼ TCY
01 = Wait of 1¼ TCY
00 = Wait of ¼ TCY
bit 5-2
DWAITM<3:0>: Chip Select x Data Read/Write Strobe Wait State bits
For Write Operations:
1111 = Wait of 15½ TCY
...
0001 = Wait of 1½ TCY
0000 = Wait of ½ TCY
For Read Operations:
1111 = Wait of 15¾ TCY
...
0001 = Wait of 1¾ TCY
0000 = Wait of ¾ TCY
bit 1-0
DWAITE<1:0>: Chip Select x Data Hold After Read/Write Strobe Wait State bits
For Write Operations:
11 = Wait of 3¼ TCY
10 = Wait of 2¼ TCY
01 = Wait of 1¼ TCY
00 = Wait of ¼ TCY
For Read Operations:
11 = Wait of 3 TCY
10 = Wait of 2 TCY
01 = Wait of 1 TCY
00 = Wait of 0 TCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com