Electronic Components Datasheet Search
  English  ▼

X  

AM2168 Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2168
Description  Dual Full-Bridge PWM Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2168 Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2168 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AM2168
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
D
De
ec
c.. 2
20
00
04
4 V
V1
1..2
2
- 6 -
•Logic Control Of Output Current
Two logic level inputs (I0 and I1) allow digital selection of the motor winding current at 100%, 67%, 33%, or 0% of
the maximum level (see table). The 0% output current condition turns OFF all drivers in the bridge and can be used
as an OUTPUT DISABLE function.
Current – Control Truth Table
I0
I1
Output Current
L
L
VREF / 10RS = ITRIP
H
L
VREF / 15RS = 2/3 ITRIP
L
H
VREF / 30RS = 1/3 ITRIP
H
H
0
These logic level inputs greatly enhance the implementation of µP-controlled drive formats.
During half-step operations, the I0 and I1 allow the µP to control the motor at a constant torque between all positions
in an eight-step sequence. This is a accomplished by digitally selecting 100% drive current when only one phase is
ON and 67% drive current when two phases are ON. Logic highs on both I0 and I1 turn OFF all drivers to allow
rapid current decay when switching phases. This helps to ensure proper motor operation at high step rates.
The logic control inputs can also be used to select a reduced current level (and reduced power dissipation) for ‘hold’
conditions and/or increased current (and available torque) for start-up conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com