Electronic Components Datasheet Search
  English  ▼

X  

AM2168 Datasheet(PDF) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2168
Description  Dual Full-Bridge PWM Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2168 Datasheet(HTML) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2168 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2168 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AM2168
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
D
De
ec
c.. 2
20
00
04
4 V
V1
1..2
2
- 7 -
•General
The PHASE input to each bridge determines the direction of current flow in the motor winding. An internally
generated deadtime (approximately 2µs) prevents crossover currents that can occur when switching the PHASE
input. All four drivers in the bridge output can be turned OFF between steps (I0 = I1 ≧ 2.4V) resulting in a fast
current decay through the internal output clamp and flyback diodes. The fast current decay is desirable in half-step
and high-speed applications. All inputs float high.
Varying the reference voltage (VREF) provides continuous control of the peak load current for microstepping
applications and DC motor control.
Thermal protection circuitry turns OFF all drivers when the junction temperature reaches +170℃. It is only intended
to protect the device from failures due to excessive junction temperature and should not imply that output short
circuits are permitted. The output drivers are re-enabled when the junction temperature cools to +145℃.
The AM2168 output drivers are optimized for low output saturation voltages – less than 1.8V total (source plus sink)
at 500mA. Under normal operating conditions, when combined with the excellent thermal properties of the batwing
packing design, this allows continuous operation of both bridges simultaneously at 500mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com