Electronic Components Datasheet Search
  English  ▼

X  

AM2789 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2789
Description  Three Phase Brushless Motor Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2789 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2789 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AM2789
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.6
- 9 -
The final setting value are RSENSE =60mΩ、R3=1KΩ、C8=10nF, the Current Limit = 3.0A which meets customer
application current limit level.
Note1: When using the same RSENSE and R3 and C8, the current limit clamp level might be different because the
different type motor (inductive reactance and resistance might be different) and different VCC value. To get the best
current limit clamp level, it needs to test in actual load model when motor type and VCC setting is changed,
Note 2:If current limit function is not needed, the CS pins should be connected directly to ground.
7)
Over-temperature protection:
If the IC junction temperature exceeds 150℃ (Typ.), the internal over-temperature protection function will be
triggered, partial FETs in the H-bridge are disabled, that will ensure the safety of customers' products. If the IC
junction temperature falls to 110℃(Typ.), the IC resumes automatically.
3.0A
Test Condition:
VCC=6V, STBYA=STBYB=PWMA=DC
3V, PWMB=DC 0V, R3=1K
Ω、
C8=10nF、RLIMIT=60m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17