Electronic Components Datasheet Search
  English  ▼

X  

AM2789 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2789
Description  Three Phase Brushless Motor Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2789 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2789 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2789 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AM2789
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.6
- 3 -
Electrical Characteristics ( Unless otherwise specified, TA = 25℃,PVCC=VCC=10V)
Parameter
Symbol
Value
Unit
Condition
MIN
TYP
MAX
Power Supply
VCC/PVCC Operating Current 1
ICC1
0.5
mA
PWM_X=STBY_X=L
VCC/PVCC Operating Current 2
ICC2
1
mA
PWM_X=STBY_X=H
LDO
Output Voltage
VLDO
3.2
3.3
3.4
V
ILDO=100mA, VCC=10V
Dropout Voltage
VDO
-
-
400
mV
ILDO=100mA, VLDO=3.3V
PWM_X/STBY_X Inputs
Input High Level Logic
VPWM_XH
VSTBY_XH
2.0
3.5
V
Input Low Level Logic
VPWM_XL
VSTBY_XL
0
0.7
V
Input Frequency
FPWM
0.02
100
kHz
Input Pull-up Resistance
RIPD
100
KΩ
Input Pull-down Resistance
RIPD
130
KΩ
H-Bridge FETs
Rds(on) HS+LS FET On-resistance
Rds(on)
90
mΩ
ILoad = 1A, TJ: 25℃
Current Sense Input
Current Sense Voltage
VCS
120
150
180
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com