Electronic Components Datasheet Search
  English  ▼

X  

3VTN460 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3VTN460
Description  3 Phase Voltage Transformer For Line to Neutral Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3VTN460 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3VTN460 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3VTN460 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model 3VTN460 is an assembly of three transformers in one case.
The core and coil assembly is encased in a thermoplastic shell and filled with resin
These transformers are designed for operation line to neutral.
Spacing between live parts per U.L. 1558.
Primary fuses are current limiting, 200kA interrupting capacity, incorporating a rejection feature, typically (class CC ) KTK—R type.
It is desirable to use a 1.6 amp BBS type or equal fuse in the secondary to protect the transformer.
Only ground N/n terminals if source is 3 phase, 4 wire effectively grounded.
See page 7 of this section for a circle diagram for the estimation of the errors for other than rated burdens. See page 27 in this section
for a description of its use.
The transformer has a clear plastic cover.
Model 3VTN460
GEGridSolutions.com
Grid-AIS-L4-ITI_Model_3VTN460-1412-2017_10-EN. © Copyright 2017. General Electric Company
and Instrument Transformers LLC reserve the right to change specifications of described
products at any time without notice and without obligation to notify any person of such changes.
Worldwide Contact Center
Web: www.GEGridSolutions.com/contact
Phone: +44 (0) 1785 250 070
USA and Canada: +1 (0) 800 547 8629
Europe, Middle East and Africa: +34 (0) 94 485 88 00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com