Electronic Components Datasheet Search
  English  ▼

X  

3VTN460 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3VTN460
Description  3 Phase Voltage Transformer For Line to Neutral Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3VTN460 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3VTN460 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3VTN460 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* Fuse Ordering
Insert F after primary voltage rating for primary fuses, insert FF after primary voltage rating for primary and secondary fuses.
Grid Solutions
GE
Insulation Level
600 Volt, 10 kV BIL full wave.
Accuracy Class: (Per Phase)
0.6 W, 1.2 X at 60 Hz.
Clear Plastic Cover
Frequency
60 Hz.
Standard Secondary Voltage
120 Volts line-to-neutral
Model 3VTN460
3 Phase Voltage Transformer
For Line to Neutral Connection
Thermal Rating: (Per Phase)
150 VA at 30 °C. amb.,
100 VA at 55 °C. amb.
The primary and secondary terminals
are No. 8-32 screws into 1/2” deep brass
inserts and fitted with one lockwasher
and flatwasher.
Approximate weight 24 lbs.
Manufactured to meet the requirements of ANSI/IEEE C57.13.
Classified by U.L. in accordance with IEC 44-1
REGULATORY AGENCY APPROVALS


Similar Part No. - 3VTN460

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3VT1 MACOM-3VT1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
3VT3 MACOM-3VT3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
3VT6 MACOM-3VT6 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
3VT7 MACOM-3VT7 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
Siemens Semiconductor G...
3VT9216-6AB00 SIEMENS-3VT9216-6AB00 Datasheet
103Kb / 2P
ETU VT250, 3-pole, line protection ETU LP, LI IR=160A
06/08/2020
More results

Similar Description - 3VTN460

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
1-stage filter for 3-phase systems with neutral conductor
logo
Vincotech
10-FY12NMA160SH-M420F VINCOTECH-10-FY12NMA160SH-M420F Datasheet
4Mb / 30P
Common collector neutral connection
30-FT12NMA160SH-M669F08 VINCOTECH-30-FT12NMA160SH-M669F08 Datasheet
3Mb / 31P
Common collector neutral connection
30-FT12NMA200SH-M660F08 VINCOTECH-30-FT12NMA200SH-M660F08 Datasheet
3Mb / 31P
Common collector neutral connection
logo
Beijing Yaohuadechang E...
STV300GB-Y0 YHDC-STV300GB-Y0 Datasheet
10Mb / 1P
3 Phase voltage type voltage transformer
logo
Schneider Electric
GFM25CT SCHNEIDER-GFM25CT Datasheet
97Kb / 1P
NEUTRAL CURRENT TRANSFORMER
Dec 10, 2020
logo
Schaffner International...
FN-354 SCHAFFNER-FN-354 Datasheet
353Kb / 4P
Compact Three-phase and Neutral Line Filter for High Frequency Attenuation
logo
Schurter Inc.
DKIH-4 SCHURTER-DKIH-4 Datasheet
920Kb / 8P
Compensated High Current Choke, 3-phase and neutral line
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com