Electronic Components Datasheet Search
  English  ▼

X  

CM_CFB Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CM_CFB
Description  Camaster HRC Fuse Holders 30, 60, and 100 Amps; 600V A.C.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CM_CFB Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CM_CFB Datasheet HTML 1Page - Cooper Bussmann, Inc. CM_CFB Datasheet HTML 2Page - Cooper Bussmann, Inc. CM_CFB Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12-17-98
SB98107
Rev. A
Camaster HRC Fuse Holders
CM_CFB
30, 60, and 100 Amps; 600V A.C.
Bussmann®
Form No. CM_CFB
Page 2 of 3
BIF Doc #4132
Dimensional Data
• Unique Conversion Capability.
• Fuse Holders can be readily converted from Front
Connection to Front/Back Stud and Double Back Stud
Connection types at the point of use.
• This is achieved with a unique Back Stud Accessory and
the use of a screwdriver.
• See conversion sequence in Fig. 1. Steps 1, 2 and 3
show removal of end ferrule and insertion of Back Stud
Accessory to give the Front/Back Stud Connection type.
• This sequence repeated at the opposite end gives the
Double Back Stud Connection type shown in Step 4.
• Unique Cable Termination.
• The fuse holder’s unique cable terminations are designed
for user convenience and to ensure long-term reliability.
• They incorporate Stainless Steel Saddles and Hardened
Termination Screws, maintaining permanent cable clamp-
ing to profiled contact plates.
• The main electrical contact path between the cable and
Fuse tag.
• This permits the use of high tightening torques without
damage to cables or threads and provides resistance to
high cable pull out forces. (See Fig. 2.)
• The Fuse Holders are supplied with the Hardened
Termination Screws backed out ready for cable insertion,
saving installation time.
• Hinged Captive Screws.
• The Fuse Mounting Screws to Fuse Carrier are held in
captive hinges providing ease of mounting and preventing
loss during installation. (See Fig. 3.)
• Two/Three Pole Ganging.
• The unique design of the Carriers allows ganging to be
readily achieved by the use of standard accessories.
• This provides improved safety related to isolation and
protection of 2 Pole and 3 Pole electrical circuits by
ensuring that the correctly related poles are removed at
the same time. (See Fig. 4.)
• Dual Mounting Capability.
• The design as standard provides both Bolted Panel and
DIN Rail mounting features.
• The DIN Rail mounting facility for each of the various
dimensioned ratings is so designed as to give equal
height and depth above the DIN Rail.
• Hinged Internal Shields.
• Non-removable full shrouding of live parts within the Fuse
Base is provided by the use of hinged shields.
• The positive captive nature of these ensures that they
cannot be omitted during installation and are so designed
that insertion of the Fuse Carrier can only be made with
them correctly positioned.
• Neon Indicator.
• Neon Clip-in Indicator Accessories are available providing
clear location and status of fuses which have operated
due to fault conditions. (See Fig. 5.)
Figure 1. Unique Conversion Capability
Figure 2. Unique Cable Termination
Figure 3. Hinged Captive Screws
1
2
3
4
• Circuit Identification.
• The Fuse Carrier has a marking label for ease of circuit
identification.
• Strip Length Marking.
• The length of cable insulation that should be stripped off is
shown on the side of the Fuse Base.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com