Electronic Components Datasheet Search
  English  ▼

X  

CM_CFB Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # CM_CFB
Description  Camaster HRC Fuse Holders 30, 60, and 100 Amps; 600V A.C.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CM_CFB Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  CM_CFB Datasheet HTML 1Page - Cooper Bussmann, Inc. CM_CFB Datasheet HTML 2Page - Cooper Bussmann, Inc. CM_CFB Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12-17-98
SB98107
Rev. A
Camaster HRC Fuse Holders
CM_CFB
30, 60, and 100 Amps; 600V A.C.
Bussmann®
Form No. CM_CFB
Page 3 of 3
BIF Doc #4132
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled.This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
Standard Front Connected Unit
Front/Back Stud and Double Back Stud Connected Units
A
B
D
44
C
L
OF DIN RAIL
C
E
F
H
G
øK
øJ
Rating
Catalog
Dimensions in Inches and (mm)
Amps
Number
Category
A
B
C
D
E
F
G
H
J
K
1.0
3.69
2.36
.13
.64
2.60
2.29
1.13
.47
30
CM20CFB
HRCI-CA
(25.4)
(93.7)
(60)
(3.2)
(17.5)
(66)
(58)
(28.6)
(11.9)
M6
1.25
4.63
2.36
.13
.69
2.60
2.92
1.13
.47
30
CM30CFB
HRCII-C
(31.8)
(117.5)
(60)
(3.2)
(17.5)
(66)
(74)
(28.6)
(11.9)
M6
1.40
4.93
2.36
.19
.65
3.41
3.14
1.13
.47
60
CM60CFB
HRCII-C
(35.6)
(125)
(60)
(4.75)
(16.4)
(86.5)
(79.8)
(28.6)
(11.9)
M8
1.40
4.93
2.36
.19
.65
3.41
3.14
1.13
.47
100
CM100CFB
HRCII-MISC
(35.6)
(125)
(60)
(4.75)
(16.4)
(86.5)
(79.8)
(28.6)
(11.9)
M8
Figure 4. Two/Three Pole Ganging.
Figure 5. Neon Indicators.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com