Electronic Components Datasheet Search
  English  ▼

X  

G5PZ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5PZ
Description  PCB Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5PZ Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5PZ Datasheet HTML 1Page - Omron Electronics LLC G5PZ Datasheet HTML 2Page - Omron Electronics LLC G5PZ Datasheet HTML 3Page - Omron Electronics LLC G5PZ Datasheet HTML 4Page - Omron Electronics LLC G5PZ Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G5PZ
PCB Power Relay
G
5
P
Z
■Characteristics
Note. Values in the above table are the initial values at 23°C.
*1.
Measurement conditions: 5 VDC, 1 A, voltage drop method
*2.
Measurement conditions: Measured at the same points as the dielectric
strength using a 500 VDC ohmmeter.
*3.
This value was measured at a switching frequency of 120 operations/min.
■Actual Load Life (Reference Values)
1. 250 VAC Inverter load (Standard)
Inrush: 240 A (0-P, Rise Time 3 ms or more), Current 16 A, Cut
off current 0 A
50,000 operations min. (at 23°C)
2. 250 VAC Inverter load (High-capacity)
Inrush: 240 A (0-P, Rise Time 3 ms or more), Current 20 A,
Cut off current 0 A
50,000 operations min. (at 23°C)
Classification
Standard
High-capacity
Item
Model
G5PZ-1A
G5PZ-1A-E
Contact resistance *1
100 m
Ω max.
Operate time
15 ms max.
Release time
5 ms max.
Insulation resistance *2
1,000 M
Ω min.
Dielectric
strength
Between coil
and contacts
4,000 VAC 50/60 Hz 1 min
Between
contacts of the
same polarity
1,000 VAC 50/60 Hz 1 min
Impulse
withstand
voltage
Between coil
and contacts
10 kV (1.2 x 50
μs)
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single amplitude
(1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single amplitude
(1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Durability
Mechanical
2,000,000 operations min.
Electrical
(resistive load)
100,000 operations
at 250 VAC, 16 A
50,000 operations
at 250 VAC, 20 A
Failure rate (P level)
(reference value) *3
5 VDC 100 mA
Ambient operating
temperature
-40 to 70°C
(with no icing or condensation)
Ambient operating humidity
5 to 85%
Weight
Approx. 10.5 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com