Electronic Components Datasheet Search
  English  ▼

X  

G5PZ Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5PZ
Description  PCB Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5PZ Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5PZ Datasheet HTML 1Page - Omron Electronics LLC G5PZ Datasheet HTML 2Page - Omron Electronics LLC G5PZ Datasheet HTML 3Page - Omron Electronics LLC G5PZ Datasheet HTML 4Page - Omron Electronics LLC G5PZ Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
G5PZ
PCB Power Relay
G
5
P
Z
■Precautions
●Please refer to “PCB Relays Common Precautions” for correct use.
●Coil Voltage Reduction (Holding Voltage) after Relay
Operation
• If the coil voltage is reduced to the holding voltage after Relay
operation, first apply the rated voltage to the coil for at least
100 ms, as shown below.
• A voltage of at least 50% of the rated voltage is required for
the coil holding voltage. Do not allow voltage fluctuations to
cause the coil holding voltage to fall below this level.
*
The coil resistance were measured at a coil temperature of 23°C with
tolerances of ± 10%.
Correct Use
Applied
coil voltage
Coil resistance*
Power
consumption
Rated voltage
100%
475
Ω (5 VDC)
272
Ω (12 VDC)
1087
Ω (24 VDC)
Approx. 530 mW
Holding voltage
50%
Approx. 133 mW
50%
(Holding voltage)
100%
(Rated voltage)
100ms min
Please check each region's Terms & Conditions by region website.
OMRON Corporation
Electronic and Mechanical Components Company
Regional Contact
Cat. No. J143-E1-15
0120(0207)(O)
Americas
Europe
https://www.components.omron.com/
http://components.omron.eu/
Asia-Pacific
China
https://ecb.omron.com.sg/
https://www.ecb.omron.com.cn/
Korea
Japan
https://www.omron-ecb.co.kr/
https://www.omron.co.jp/ecb/
In the interest of product improvement, specifications are subject to change without notice.
© OMRON Corporation 2007-2020 All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com