Electronic Components Datasheet Search
  English  ▼

X  

F92 Datasheet(PDF) 1 Page - Nichicon corporation

Part # F92
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F92 Datasheet(HTML) 1 Page - Nichicon corporation

  F92 Datasheet HTML 1Page - Nichicon corporation F92 Datasheet HTML 2Page - Nichicon corporation F92 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100T
SOLID TANTALUM ELECTROLYTIC CAPACITORS
Compatible List of Part Number
Nichicon
Matsushita
Applications
F91
TE-L
Low ESR
F92
TES
Miniture Sized, General Purpose
F93
TE
General Purpose
F97
TEH
High Reliability
Nichicon
P
A
B
C
----
N
Matsushita
Z
Y
X
C
V
D
L
2.0 ± 0.2
3.2 ± 0.2
3.5 ± 0.2
6.0 ± 0.2
5.8 ± 0.2
7.3 ± 0.2
W1
1.6 ± 0.2
2.8 ± 0.2
3.2 ± 0.2
4.6 ± 0.2
4.3 ± 0.2
W2
0.9 ± 0.1
1.2 ± 0.1
2.2 ± 0.1
2.2 ± 0.1
(2.4 ± 0.1)
2.4 ± 0.1
H
1.1 ± 0.1
1.6 ± 0.2
2.5 ± 0.2
2.5 ± 0.2
3.2 ± 0.2
2.8 ± 0.2
S
0.5 ± 0.2
12.5 ± 0.1
(1.25 ± 0.2)
0.8 ± 0.2
(0.8 ± 0.3)
0.8 ± 0.2
(0.8 ± 0.3)
1.3 ± 0.2
(1.3 ± 0.3)
1.3 ± 0.2
(1.3 ± 0.3)
1.3 ± 0.2
(1.3 ± 0.3)
Case code
Dimensions
4V
6.3V
10V
16V
20V
25V
35V
100
220
330
100
150
220
47
100
150
33
47
10
15
33
10
15
22
33
6.8
10
15
22
C
N
N
C
N
N
C
N
N
C
N
C
C
N
C
N
N
N
C
N
N
N
C
D
D
C
D
D
C
D
D
C
D
C
C
D
C
D
D
D
C
D
D
D
F910G107MCC
F910G227MNC
F910G337MNC
F910J107MCC
F910J157MNC
F910J227MNC
F911A476MCC
F911A107MNC
F911A157MNC
F911C336MCC
F911C476MNC
F911D106MCC
F911D156MCC
F911D336MNC
F911E106MCC
F911E156MNC
F911E226MNC
F911E336MNC
F911V685MCC
F911V106MNC
F911V156MNC
F911V226MNC
EEJL0GC107R
EEJL0GD227R
EEJL0GD337R
EEJL0JC107R
EEJL0JD157R
EEJL0JD227R
EEJL1AC476R
EEJL1AD107R
EEJL1AD157R
EEJL1CC336R
EEJL1CD476R
EEJL1DC106R
EEJL1DC156R
EEJL1DD336R
EEJL1EC106R
EEJL1ED156R
EEJL1ED226R
EEJL1ED336R
EEJL1VC685R
EEJL1VD106R
EEJL1VD156R
EEJL1VD226R
Case size
4V
6.3V
10V
16V
2.2
3.3
6.8
10
15
1.5
2.2
4.7
6.8
10
1
1.5
2.2
3.3
4.7
0.47
0.68
1
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
F920G225MPA
F920G335MPA
F920G685MPA
F920G106MPA
F920G156MPA
F920J155MPA
F920J225MPA
F920J475MPA
F920J685MPA
F920J106MPA
F921A105MPA
F921A155MPA
F921A225MPA
F921A335MPA
F921A475MPA
F921C474MPA
F921C684MPA
F921C105MPA
ECST0GZ225R
ECST0GZ335R
ECST0GZ685R
ECST0GZ106R
ECST0GZ156R
ECST0JZ155R
ECST0JZ225R
ECST0JZ475R
ECST0JZ685R
ECST0JZ106R
ECST1AZ105R
ECST1AZ155R
ECST1AZ225R
ECST1AZ335R
ECST1AZ475R
ECST1CZ474R
ECST1CZ684R
ECST1CZ105R
L
H
W2
SS
W1
F91/TE-L (Matsushita)
F92/TES (Matsushita)
Rated
Capacitance
(µF)
Rated Volt
Case code
Part Number
Part Number
Nichicon
Matsushita
Rated
Capacitance
(µF)
Rated Volt
Case code
Nichicon
Matsushita
Nichicon
A
B
C
−
N
Matsushita
Y
X
C
V
D
φ 180
φ 180
φ 180
φ 180
φ 180
Package quantity
2000
2000
500
500
500
Reel mark
A
A
C
C
C
Package quantity
−
−
750
−
750
Reel mark
−
−
M
−
M
Case code
Reel
Standard
Quasi-standard *1
Basic order unit
Nichicon Matsushita
Nichicon Matsushita
Matsushita : Matsushita Electronic Components Co., Ltd.
*1 Quasi-standard : In this case ,
will be put at 11th digit of type numbering system.
Example) F910G107MCC 500pcs (standard)
F910G107MCM 750pcs (Quasi-standard)
M
( ) : Matsushita
Matsushita : Matsushita Electronic Components Co., Ltd.
Overseas Factory production items :
Add "BMA" to the end of the Nichicon Part number.
Overseas Factory production items :
Add "BMA" to the end of the Nichicon Part number.


Similar Part No. - F92

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F92 NICHICON-F92 Datasheet
62Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
F92-32-L PANDUIT-F92-32-L Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
F92-38-L PANDUIT-F92-38-L Datasheet
616Kb / 2P
Large Ferrule Crimping Dies
5/2014
logo
Nichicon corporation
F920E107MBA NICHICON-F920E107MBA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E157MBA NICHICON-F920E157MBA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F92

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com