Electronic Components Datasheet Search
  English  ▼

X  

F92 Datasheet(PDF) 2 Page - Nichicon corporation

Part # F92
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F92 Datasheet(HTML) 2 Page - Nichicon corporation

  F92 Datasheet HTML 1Page - Nichicon corporation F92 Datasheet HTML 2Page - Nichicon corporation F92 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAT.8100T
4V
6.3V
10V
4.7
6.8
10
15
22
22
33
47
47
68
100
100
100
150
150
220
330
3.3
4.7
6.8
10
15
15
22
22
33
33
47
47
68
68
68
100
100
100
150
220
2.2
3.3
4.7
6.8
10
10
15
22
22
33
33
47
47
47
68
68
100
150
A
A
A
A
A
B
B
B
C
C
C
---
N
---
N
N
N
A
A
A
A
A
B
A
B
B
C
B
C
C
---
N
C
---
N
N
N
A
A
A
A
A
B
B
B
C
B
C
C
---
N
---
N
N
N
Y
Y
Y
Y
Y
X
X
X
C
C
C
V
D
V
D
D
D
Y
Y
Y
Y
Y
X
Y
X
X
C
X
C
C
V
D
C
V
D
D
D
Y
Y
Y
Y
Y
X
X
X
C
X
C
C
V
D
V
D
D
D
F930G475MAA
F930G685MAA
F930G106MAA
F930G156MAA
F930G226MAA
F930G226MBA
F930G336MBA
F930G476MBA
F930G476MCC
F930G686MCC
F930G107MCC
F930G107MVC
F930G107MNC
F930G157MVC
F930G157MNC
F930G227MNC
F930G337MNC
F930J335MAA
F930J475MAA
F930J685MAA
F930J106MAA
F930J156MAA
F930J156MBA
F930J226MAA
F930J226MBA
F930J336MBA
F930J336MCC
F930J476MBA
F930J476MCC
F930J686MCC
F930J686MVC
F930J686MNC
F930J107MCC
F930J107MVC
F930J107MNC
F930J157MNC
F930J227MNC
F931A225MAA
F931A335MAA
F931A475MAA
F931A685MAA
F931A106MAA
F931A106MBA
F931A156MBA
F931A226MBA
F931A226MCC
F931A336MBA
F931A336MCC
F931A476MCC
F931A476MVC
F931A476MNC
F931A686MVC
F931A686MNC
F931A107MNC
F931A157MNC
ECST0GY475R
ECST0GY685R
ECST0GY106R
ECST0GY156R
ECST0GY226R
ECST0GX226R
ECST0GX336R
ECST0GX476R
ECST0GC476R
ECST0GC686R
ECST0GC107R
ECST0GV107R
ECST0GD107R
ECST0GV157R
ECST0GD157R
ECST0GD227R
ECST0GD337R
ECST0JY335R
ECST0JY475R
ECST0JY685R
ECST0JY106R
ECST0JY156R
ECST0JX156R
ECST0JY226R
ECST0JX226R
ECST0JX336R
ECST0JC336R
ECST0JX476R
ECST0JC476R
ECST0JC686R
ECST0JV686R
ECST0JD686R
ECST0JC107R
ECST0JV107R
ECST0JD107R
ECST0JD157R
ECST0JD227R
ECST1AY225R
ECST1AY335R
ECST1AY475R
ECST1AY685R
ECST1AY106R
ECST1AX106R
ECST1AX156R
ECST1AX226R
ECST1AC226R
ECST1AX336R
ECST1AC336R
ECST1AC476R
ECST1AV476R
ECST1AD476R
ECST1AV686R
ECST1AD686R
ECST1AD107R
ECST1AD157R
20V
16V
25V
35V
1
1.5
2.2
3.3
4.7
6.8
6.8
10
15
15
22
33
33
33
47
47
68
0.68
1.5
2.2
3.3
3.3
4.7
4.7
6.8
10
10
15
22
22
22
33
33
0.47
1
1.5
2.2
2.2
3.3
4.7
6.8
10
15
15
22
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
10
15
A
A
A
A
A
A
B
B
B
C
C
C
---
N
---
N
N
A
A
A
A
B
A
B
B
B
C
C
C
---
N
---
N
A
A
A
A
B
B
B
C
C
---
N
N
A
A
A
A
A
A
B
B
B
C
C
---
N
N
Y
Y
Y
Y
Y
Y
X
X
X
C
C
C
V
D
V
D
D
Y
Y
Y
Y
X
Y
X
X
X
C
C
C
V
D
V
D
Y
Y
Y
Y
X
X
X
C
C
V
D
D
Y
Y
Y
Y
Y
Y
X
X
X
C
C
V
D
D
F931C105MAA
F931C155MAA
F931C225MAA
F931C335MAA
F931C475MAA
F931C685MAA
F931C685MBA
F931C106MBA
F931C156MBA
F931C156MCC
F931C226MCC
F931C336MCC
F931C336MVC
F931C336MNC
F931C476MVC
F931C476MNC
F931C686MNC
F931D684MAA
F931D155MAA
F931D225MAA
F931D335MAA
F931D335MBA
F931D475MAA
F931D475MBA
F931D685MBA
F931D106MBA
F931D106MCC
F931D156MCC
F931D226MCC
F931D226MVC
F931D226MNC
F931D336MVC
F931D336MNC
F931E474MAA
F931E105MAA
F931E155MAA
F931E225MAA
F931E225MBA
F931E335MBA
F931E475MBA
F931E685MCC
F931E106MCC
F931E156MVC
F931E156MNC
F931E226MNC
F931V154MAA
F931V224MAA
F931V334MAA
F931V474MAA
F931V684MAA
F931V105MAA
F931V155MBA
F931V225MBA
F931V335MBA
F931V475MCC
F931V685MCC
F931V106MVC
F931V106MNC
F931V156MNC
ECST1CY105R
ECST1CY155R
ECST1CY225R
ECST1CY335R
ECST1CY475R
ECST1CY685R
ECST1CX685R
ECST1CX106R
ECST1CX156R
ECST1CC156R
ECST1CC226R
ECST1CC336R
ECST1CV336R
ECST1CD336R
ECST1CV476R
ECST1CD476R
ECST1CD686R
ECST1DY684R
ECST1DY155R
ECST1DY225R
ECST1DY335R
ECST1DX335R
ECST1DY475R
ECST1DX475R
ECST1DX685R
ECST1DX106R
ECST1DC106R
ECST1DC156R
ECST1DC226R
ECST1DV226R
ECST1DD226R
ECST1DV336R
ECST1DD336R
ECST1EY474R
ECST1EY105R
ECST1EY155R
ECST1EY225R
ECST1EX225R
ECST1EX335R
ECST1EX475R
ECST1EC685R
ECST1EC106R
ECST1EV156R
ECST1ED156R
ECST1ED226R
ECST1VY154R
ECST1VY224R
ECST1VY334R
ECST1VY474R
ECST1VY684R
ECST1VY105R
ECST1VX155R
ECST1VX225R
ECST1VX335R
ECST1VC475R
ECST1VC685R
ECST1VV106R
ECST1VD106R
ECST1VD156R
F93/TE (Matsushita)
SOLID TANTALUM ELECTROLYTIC CAPACITORS
Rated
Capacitance
(µF)
Rated Volt
Case code
Part Number
Nichicon
Nichicon
Matsushita
Matsushita
Nichicon Matsushita
Rated
Capacitance
(µF)
Rated Volt
Case code
Part Number
Nichicon
Matsushita
Compatible List of Part Number
Matsushita : Matsushita Electronic Components Co., Ltd.
Overseas Factory production items :
Add "BMA" to the end of the Nichicon Part number.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com