Electronic Components Datasheet Search
  English  ▼

X  

MPFS250T-FCVG484I Datasheet(PDF) 33 Page - Microchip Technology

Part # MPFS250T-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 33 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 29Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 30Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 31Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 32Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 33Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 34Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 35Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 36Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
Unit
–1
Max
–1
Min
STD
Max
STD
Min
DRAM Type
Package
Memory
Standard
Mbps
2 rank DIMM
1
,3, 8
All
Mbps
1333
1066
1333
1066
Single die
package
All
LPDDR3
Mbps
1333
1066
1333
1066
Dual die pack-
age
All
1. Dual in-line memory module (DIMM) includes RDIMM, SODIMM, and UDIMM.
2. Includes: 1 rank 1 slot, dual-die package 2 rank.
3. Includes: 2 rank 1 slot.
4. The JEDEC JESD79-4B standard for DDR4 SDRAM limits the maximum tCK to 1.6 ns. Because of this
limitation, Microsemi recommends working with your DRAM vendor to verify support for data rates at or
less than 1066 Mbps.
5. Byte-mode LPDDR4 devices are not supported.
6. Dual die package includes single die with ECC.
7. LPDDR4 support is only available as a 32-bit interface.
8. Refer to board design guidelines for trace matching requirements.
6.1.4
Gigabit Ethernet MAC
The following tables describe the Gigabit Ethernet MAC (GEM).
Table 29 • Serial-GMII Protocol Characteristics (Dedicated MSS SGMIO PHY)
Units
Max
Min
Line Rate (Mbps)
Parameter
UI
0.25
1250
SGMII deterministic
transmitter jitter
UI
0.25
1250
SGMII total receiver jit-
ter tolerance
Table 30 • GEM External Filter Clock
Units
Max
Min
Parameter
MHz
62.5
GEM external filter clock
Table 31 • MII Protocol (Interface to FPGA Fabric)
Units
Max
Min
Symbol
Parameter
ns
5.0
TMIIDCK
Input setup to MII
clocks, all inputs
ns
0.0
TMIICKD
Input hold to MII clocks,
all inputs
29
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com