Electronic Components Datasheet Search
  English  ▼

X  

MPFS250T-FCVG484I Datasheet(PDF) 16 Page - Microchip Technology

Part # MPFS250T-FCVG484I
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484I Datasheet(HTML) 16 Page - Microchip Technology

Back Button MPFS250T-FCVG484I Datasheet HTML 12Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 13Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 14Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 15Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 16Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 17Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 18Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 19Page - Microchip Technology MPFS250T-FCVG484I Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
Condition (V)
AC (VIN) Undershoot Duration as % at TJ = 100 °C
–0.85
100
–0.9
100
–0.95
100
–1
100
–1.05
100
–1.1
100
–1.15
100
–1.2
100
–1.25
69
–1.3
45
5.2.2.1
Power Supply Ramp Times
The following table lists the allowable power-up ramp times. Times shown correspond to the ramp of the
supply from 0 V to the minimum recommended voltage as specified in the section Recommended Operating
Conditions. All supplies must rise and fall monotonically.
Table 12 • Power Supply Ramp Times
Unit
Max
Min
Symbol
Parameter
ms
50
0.2
VDD
FPGA core supply
ms
50
0.2
VDDA
Transceiver core supply
ms
50
0.2
VDD18
Must connect to 1.8 V
supply
ms
50
0.2
VDD25
Must connect to 2.5 V
supply
ms
50
0.2
VDDA25
Must connect to 2.5 V
supply
ms
50
0.2
VDDI[0,1,6,7]
HSIO bank I/O power
supplies
ms
50
0.2
VDDI[2,4,5]
GPIO bank I/O power
supplies
ms
50
0.2
VDDI3
Bank 3 dedicated I/O
buffers (GPIO)
ms
50
0.2
VDDAUX[2,4,5]
GPIO bank auxiliary
power supplies
12
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com