Electronic Components Datasheet Search
  English  ▼

X  

AM3933 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM3933
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM3933 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM3933 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AM3933
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 9 -
Packaging outline --- DFN 3X3L
Unit : mm
SYMBOL
MILLIMETERS
INCHES
Min.
Max.
Min.
Max.
A
-
0.50
-
0.020
A1
-
0.05
-
0.002
A2
-
0.43
-
0.017
A3
0.15 REF
0.006 REF
b
0.18
0.30
0.007
0.012
D/E
3.00 BSC
0.118 BSC
D1
1.10
1.30
0.043
0.051
E1
2.10
2.30
0.083
0.091
L
0.30
0.50
0.012
0.020
e
0.5 BSC
0.020 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com