Electronic Components Datasheet Search
  English  ▼

X  

AM3933 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM3933
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM3933 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM3933 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM3933 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AM3933
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 5 -
Lock detection, automatic restart circuit
This IC detect the rotation of the motor by hall signal, and adjust lock detection ON time (Ton) and
lock detection OFF time (Toff) by the internal counter. These time (Ton, Toff) are showed below.
Fig.3 Lock detect and auto restart motion
Only in Lock detection ON Time (Ton), motor will be rest ordinary motion by switching over of hall
signal.
This IC make the lock protection function off, when the PWM input keeps low level for more than
70ms (typ.)
Fig.4 PWM input signal and lock protect function
Lock protect function does not work if PWM input frequency is slower than 15Hz (typ.)
So, please input faster frequency more than 20Hz
H+
OUT1
OUT2
FG
TON
TOFF
Motor
lock
Detect
lock
Reset ordinary
motion
70ms(typ)
PWM
Lock protect
enable (internal)
enable
disable
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com