Electronic Components Datasheet Search
  English  ▼

X  

MPFS250T-FCVG784E Datasheet(PDF) 23 Page - Microchip Technology

Part # MPFS250T-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Datasheet(HTML) 23 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 19Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 20Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 21Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 22Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 23Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 24Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 25Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 26Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
VID
Max (V)
VID
Typ (V)
VID
2
Min (V)
VICM
1,3
Max (V)
VICM
1,3
Typ (V)
VICM
1,3
Min (V)
VICM_RAN-
GE Libero S-
etting
Bank Type
I/O Stan-
dard
1.1
0.55
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
HCSL33
6
1.1
0.55
0.1
0.8
0.35
0.05
Low
1.1
0.55
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
HCSL25
6
1.1
0.55
0.1
0.8
0.35
0.05
Low
1.1
0.55
0.1
1.65
1.0
0.6
Mid (de-
fault)
HSIO
HCSL18
5
1.1
0.55
0.1
0.8
0.4
0.05
Low
VDDIn
0.1
0.05
2.35
1.25
0.6
Mid (de-
fault)
GPIO
BUSLVDSE2
5
VDDIn
0.1
0.05
0.8
0.4
0.05
Low
2.4
0.35
0.05
2.35
1.25
0.6
Mid (de-
fault)
GPIO
MLVDSE25
2.4
0.35
0.05
0.8
0.4
0.05
Low
2.4
0.8
0.05
2.35
1.65
0.6
Mid (de-
fault)
GPIO
LVPECL33
2.4
0.8
0.05
0.8
0.4
0.05
Low
2.4
0.8
0.05
2.35
1.65
0.6
Mid (de-
fault)
GPIO
LVPECLE33
2.4
0.8
0.05
0.8
0.4
0.05
Low
0.3
0.2
0.05
2.35
1.25
0.6
Mid (de-
fault)
GPIO
MIPI25
0.3
0.2
0.05
0.8
0.2
0.05
Low
1. V ICM is the input common mode.
2. VID is the input differential voltage.
3. VICM rules are as follows:
a. VICM must be less than VDDI – 0.4 V;
b. VICM + VID/2 must be <VDDI + 0.4 V;
c. VICM – VID/2 must be >VSS – 0.3 V;
d. Any differential input with VICM ≤0.6 V requires the low common mode setting in Libero
(VICM_RANGE=LOW).
4. VDDI = 1.8 V, VDDAUX = 2.5 V.
19
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com