Electronic Components Datasheet Search
  English  ▼

X  

MPFS250T-FCVG784E Datasheet(PDF) 40 Page - Microchip Technology

Part # MPFS250T-FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784E Datasheet(HTML) 40 Page - Microchip Technology

Back Button MPFS250T-FCVG784E Datasheet HTML 36Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 37Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 38Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 39Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 40Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 41Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 42Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 43Page - Microchip Technology MPFS250T-FCVG784E Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
Units
Max
Min
Load
Conditions
Symbol
Parameter
ns
4.5
2.9
30 pF
2
ns
2.3
15 pF
1
TQSPIDCK1
Input data setup
time
ns
2.3
30 pF
2
ns
0.0
15 pF
1
TQSPICKD1
Input data hold
time
ns
0.0
30 pF
2
ns
5.0
All
1, 2
TQSPISSCLK1
Slave select assert-
ed to next clock
edge
ns
5.0
All
1, 2
TQSPICLKSS1
Clock edge to slave
select deasserted
MHz
150
15 pF
FQSPICLK1
Quad-SPI device
clock frequency
MHz
150
30 pF
Table 49 • Feedback Clock Disabled
Units
Max
Min
Load
Conditions
Symbol
Parameter
%
55
45
All
1, 2
TDCQSPICLK2
Quad-SPI clock duty
cycle
ns
14.8
5.2
15 pF
1
TQSPICKO2
Data and slave se-
lect output delay
ns
14.8
5.2
30 pF
2
ns
2.3
All
1, 2
TQSPIDCK2
Input data setup
time
ns
0.0
All
1, 2
TQSPICKD2
Input data hold
time
ns
7.0
All
1, 2
TQSPISSCLK2
Slave select assert-
ed to next clock
edge
ns
7.0
All
1, 2
TQSPICLKSS2
Clock edge to slave
select deasserted
MHz
40
All
1, 2
FQSPICLK2
Quad-SPI device
clock frequency
36
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com