Electronic Components Datasheet Search
  English  ▼

X  

AM6807 Datasheet(PDF) 24 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM6807
Description  3 Phase BLDC Motor Pre-Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM6807 Datasheet(HTML) 24 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM6807 Datasheet HTML 20Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 21Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 22Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 23Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 24Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 25Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 26Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 27Page - AMtek SEMICONDUCTORS CO., LTD AM6807 Datasheet HTML 28Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AM6807
Motor Driver ICs
http://www.amtek-semi .com
JUN. 2008 V1.22
Specifications subject to change without notice
- 24 -
10V
5V
2V
1.5V
Low-side motor
High-side motor
4.06μs
6.5 μs
83.29 μs
19.0μs
With L=2mH R=2Ω Load
Cfe
PIN
Pref
PIN
UHG
VHG
WHG
10μs
20μs
30μs
40μs
1μs
D-PWM input, frequency = 50kHz
4μs
Fig.4
(11) DPWM max frequency chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com