Electronic Components Datasheet Search
  English  ▼

X  

AM7232 Datasheet(PDF) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232 Datasheet(HTML) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7232 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AM7232
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 7 -
Application circuit
Fig.2 Application circuit
Notes:
1. Reverse connection of power supply may break the device. A countermeasure is needed such
as using reverse current protection diode (D1) between power supply and VCC terminal.
The BEMF causes re-circulate current to power supply, when power-on or output changes. It
may cause VCC terminal to raise voltage, especially using reverse current protection diode (D1)
because there is no way to return current back to power supply. In such case, please take
necessary measures like below.
2. Connect a Zener diode (ZD1) between VCC and GND terminal not to exceed the absolute
maximum rating voltage.
3. Connect a capacitor (C1) between VCC and GND terminal to make a path of return current to
power supply.
4. Open drain output. A pull-up resistances of 10kΩ should be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com