Electronic Components Datasheet Search
  English  ▼

X  

AM7232 Datasheet(PDF) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232 Datasheet(HTML) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7232 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM7232 Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AM7232
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 10 -
Lock detection, automatic restart circuit
This IC detect the rotation of the motor by hall signal, and adjust lock detection ON time (Ton) and
lock detection OFF time (Toff) by the internal counter. These time (Ton, Toff) are showed below.
Fig.6 Lock detect and auto restart motion
Only in Lock detection ON Time (Ton), motor will be rest ordinary motion by switching over of hall
signal. There is lock soft start function, When IC in reset ordinary motion, Output will shaping by
50% duty to start-up the motor, that will reduce lock start current and acoustic noise.
When RMI connect to Vref, this IC make the lock protection function off, when the PWM input keeps
low level for more than 70ms (typ.)
Fig.7 PWM input signal and lock protect function
Lock protect function does not work if PWM input frequency is slower than 15Hz (typ.)
So, please input faster frequency more than 20Hz
70ms(typ)
PWM
Lock protect
enable (internal)
enable
disable
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com