Electronic Components Datasheet Search
  English  ▼

X  

AM7232S Datasheet(PDF) 1 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232S
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232S Datasheet(HTML) 1 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7232S Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AM7232S
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 1 -
Single Phase Full-Wave Motor Driver for
Fan Motor AM7232S
This is the summary of application for AM7232S optimum for driving 12V fan for general
consumer equipment. The most attractive function of AM7232S is slope adjust by external
resistor, that can meet most of fan request. This IC employs soft switching drive, Bi-CMOS
process, and realizes silent drive, low ON resistor, and low power consumption. This also
incorporate lock protection and auto restart circuit which does not require external capacitor.
Applications
Optimum for driving 12V fan for general consumer equipment
Features
1) Slope adjust mode for VH and VL pin control.
2) Soft switched drive.
3) PWM speed control.
4) Rotating speed pulse signal (FG) output.
5) Incorporating lock protection and automatic
restart circuit.
6) Power Tr incorporated.
7) Hall Bias voltage built-in.
8) Soft start function built-in for reducing power
up acoustic noise.
9) Stop mode duty adjustable.
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
18
V
Output current
Iomax
1500
mA
FG single output current
IFG
10
mA
FG single output voltage
VFG
18
V
Vref output current
Iref
10
mA
HB output current
IHB
10
mA
High duty slope setting voltage
VH
6
V
Low duty slope setting voltage
VL
6
V
Stop mode setting voltage
VStop
6
V
Power dissipation (JEDEC 2S2P PCB)
Pd
4500*
mW
Operate temperature range
Topr
-25~+105
℃
Storage temperature range
Tstg
-55~+150
℃
Junction temperature
Tjmax
150
℃
* Pd de-rated by 36mW/
C over 25℃ (based on JEDEC 2S2P board)
Those are stress rating only and functional operating at those conditions for extended periods may
damage to the device.


Similar Part No. - AM7232S

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM7232 AMTEK-AM7232 Datasheet
455Kb / 16P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2013 V1.0
More results

Similar Description - AM7232S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com