Electronic Components Datasheet Search
  English  ▼

X  

AM7232S Datasheet(PDF) 4 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7232S
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7232S Datasheet(HTML) 4 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7232S Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7232S Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AM7232S
Motor Driver ICs
http://www.amtek-semi.com
OCT.. 2
20
01
13
3 V
V1
1..0
0
Specifications subject to change without notice
- 4 -
Thermal Information
Θja
junction-to-ambient thermal resistance
27.78℃/W
Ψjt
junction-to-top characterization parameter
1.35℃/W
Θja is obtained in a simulation on a JEDEC-standard 2s2p board as specified in JESD-51.
The Θja number listed above gives an estimate of how much temperature rise is expected if
the device was mounted on a standard JEDEC board.
When mounted on the actual PCB, the Θja value of JEDEC board is totally different than the
Θja value of actual PCB.
Ψjt is extracted from the simulation data to obtain Θja using a procedure described in
JESD-51, which estimates the junction temperature of a device in an actual PCB.
The thermal characterization parameter, Ψjt, is proportional to the temperature difference
between the top of the package and the junction temperature. Hence, it is useful value for an
engineer verifying device temperature in an actual PCB environment as described in JEDEC
JESD-51-12.
When Greek letters are not available,Ψjt is written Psi-jt.
Definition:
Where :
Ψjt (Psi-jt) = Junction-to-Top(of the package)
C/W
Tj= Die Junction Temp.
C
Tt= Top of package Temp at center.
C
Pd= Power dissipation. Watts
Practically, most of the device heat goes into the PCB, there is a very low heat flow through
top of the package, So the temperature difference between Tj and Tt shall be small, that is
any error caused by PCB variation is small.
This constant represents that Ψjt is completely PCB independent and could be used to
predict the Tj in the environment of the actual PCB if Tt is measured properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com