Electronic Components Datasheet Search
  English  ▼

X  

AM8919 Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8919
Description  3-phase Sensor-less Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8919 Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8919 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM8919
Motor Driver ICs
http://www.amtek-semi.com
JJu
ull.. 2
20
01
14
4 V
V1
1..1
11
1
Specifications subject to change without notice
- 2 -
Electrical Characteristics
(Unless otherwise specified, Ta = 25℃, VCC = 12.0V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply current
ICC
-
1.8
3
mA
PWM= VREG
Stand-by current
ISC
-
0.6
1
mA
PWM= 0V
Regulator voltage
VREG
2.85
3.0
3.15
V
Oscillator
OSC pin charge current
IOSCC
-
-12
-
μA
OSC pin= 0.3V
OSC pin discharge current
IOSCD
-
12
-
μA
OSC pin= 1.5V
PWM, F/R input
Input H level
VPWMH/ VFRH
2.5
-
VCC
V
Input L level
VPWML/ VFRL
0
-
0.8
V
PWM input frequency
FPWM
20
-
50
kHz
Output
Output ON resistance
RON (H+L)
-
1.5
2.1
Ω
I0=300mA High and Low total
FG/RD low voltage
VFGL/ VRDL
-
-
0.4
V
IFG/RD = 3mA
FG/RD leakage current
IFGH/ IRDH
-
-
10
μA
VFG/RD = 15V
Lock protection
Lock detection ON time
TON
0.7
1
1.3
sec
TON = start time + lock detect
Lock detection OFF time
TOFF
3.5
5
6.5
sec
Soft start
Soft start release voltage
VCSOFT
1.5
2.0
2.5
V
Soft start charge current
ICSOFT
-
0.5
-
μA
Current limiter
Current limit voltage
VRNF
0.2
0.25
0.3
V
Thermal
Thermal shutdown
ThSD
150
170
-
℃
*1
Thermal shutdown
hysteresis
Δ
ThSD
-
25
-
℃
*1
*1: It is design target, not to be measured at production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com