Electronic Components Datasheet Search
  English  ▼

X  

AM8919 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8919
Description  3-phase Sensor-less Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8919 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8919 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AM8919
Motor Driver ICs
http://www.amtek-semi.com
JJu
ull.. 2
20
01
14
4 V
V1
1..1
11
1
Specifications subject to change without notice
- 5 -
Thermal Information
Θja
junction-to-ambient thermal resistance
32.98℃/W
Ψjt
junction-to-top characterization parameter
0.82℃/W
Θja is obtained in a simulation on a JEDEC-standard 2s2p board as specified in JESD-51.
The Θja number listed above gives an estimate of how much temperature rise is expected if the
device was mounted on a standard JEDEC board.
When mounted on the actual PCB, the Θja value of JEDEC board is totally different than the
Θja value of actual PCB.
Ψjt is extracted from the simulation data to obtain Θja using a procedure described in JESD-51,
which estimates the junction temperature of a device in an actual PCB.
The thermal characterization parameter, Ψjt, is proportional to the temperature difference
between the top of the package and the junction temperature. Hence, it is useful value for an
engineer verifying device temperature in an actual PCB environment as described in JEDEC
JESD-51-12.
When Greek letters are not available, Ψjt is written Psi-jt.
Definition:
Where :
Ψjt (Psi-jt) = Junction-to-Top(of the package)
C/W
Tj= Die Junction Temp.
C
Tt= Top of package Temp at center.
C
Pd= Power dissipation. Watts
Practically, most of the device heat goes into the PCB, there is a very low heat flow through top
of the package, So the temperature difference between Tj and Tt shall be small, that is any error
caused by PCB variation is small.
This constant represents that Ψjt is completely PCB independent and could be used to predict
the Tj in the environment of the actual PCB if Tt is measured properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com