Electronic Components Datasheet Search
  English  ▼

X  

CT-N Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # CT-N
Description  Compact Non-contact Infrared Thermometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CT-N Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  CT-N Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CT-N Series Specification
Compact Non-contact Infrared Thermometer
Page
4 of 5
1.0.1
- Sample Code
#include <MsTimer2.h>
// Timer library.
#include <ModbusRtu.h>
// Modbus library.
#include "SoftwareSerial.h"
// SoftwareSerial library
#define DISABLE 0
#define ENABLE
1
#define DE_RE 2
#define USING_SOFTWARESERIAL 4
#define ID 1
int8_t Timer_Flag = 0, Data_Print = DISABLE;
uint16_t au16data[2];
int16_t Object, Ambient;
SoftwareSerial mySerial(3, 5);
// RX 3, TX 5
Modbus master(0,USING_SOFTWARESERIAL,DE_RE);
// Modbus Master, 4:Using SoftwareSerial , DE/RE 2
modbus_t telegram;
// Master query structure
void setup() {
Serial.begin(9600);
// for Serial Monitor (Ctrl + Shift + M )
master.begin(&mySerial, 19200);
// begin the ModBus object.
master.setTimeOut( 25 );
// Modbus timeout : 25 ms
Serial.println("Waiting for sensor initialization time");
delay(1000);
// Wait for sensor initialization time
MsTimer2::set(500, timerISR);
// Timer interval : 500ms.
MsTimer2::start();
// Timer Start
}
void loop() {
if(Timer_Flag) {
// Check timer interrupt
Timer_Flag = 0;
Transfer_Data(ID);
// Request data transmission : Timer cycle
}
if(master.getState() == COM_WAITING) {
// Get modbus master state : waiting for answer
master.poll();
Data_Print = ENABLE;
}
if ((master.getState() == COM_IDLE) && (Data_Print == ENABLE)) {
// Get modbus master state : idle
if(master.getLastError() == 0 ){
// Get the last error in the protocol processor (0: No error)
Object = au16data[0];
Ambient = au16data[1];
Serial.print("Object Temp: ");
Serial.print(float(Object)/10, 1);
// celsius
Serial.print("
Ambient Temp: ");
Serial.println(float(Ambient)/10, 1);
}
else if(master.getLastError() == NO_REPLY) {
// Time-out
Serial.println("No reply.");
}
Data_Print = DISABLE;
}
}
void timerISR() { Timer_Flag = 1; }
// Timer Interrupt Service Routine
void Transfer_Data(uint8_t uid) {
if( (uid == 0) &&(uid>200) ) {
// ID : 1~200
uid = 1;
}
// Do not change the parameter values below.
telegram.u8id = uid;
// slave ID
telegram.u8fct = 3;
// function code = 03 (Read Holding Registers)
telegram.u16RegAdd = 40002;
// start address in slave
telegram.u16CoilsNo = 2;
// number of elements to read
telegram.au16reg = au16data;
// pointer to a memory array in the Arduino
master.query( telegram );
// send query
}



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com