Electronic Components Datasheet Search
  English  ▼

X  

CT-N Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # CT-N
Description  Compact Non-contact Infrared Thermometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CT-N Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  CT-N Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CT-N Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CT-N Series Specification
Compact Non-contact Infrared Thermometer
Page
1 of 5
1.0.1
Temperature Range, Field-of-View
CT - □N - 485
Temp. code
Measurement range
FOV (field of view)
200
-20 … 400℃
7.16°
300
-20 … 500℃
3.814°
1000
-20 … 1000℃
2.886°
e.g. Model CT-200N-485 has a 7.16° field of view and provides object
temperatures of -20…400℃.
Product Specifications
If not otherwise noted, 25℃ ambient temperature, 5V supply voltage were applied.
Parameter
min
Typ
Max
Unit
Supply voltage
4.75
5
12
V
Supply current
15
mA
Spectral range
8
-
14
㎛
Operating temperature
-20
70
℃
IR refresh rate
10
10
Hz
Accuracy(*)
±2
%
Resolution digital
0.1
℃
Emission coefficient
0.1
0.97
1.0
Standard start-up time
1
2
sec
Stabilization time
1
min
Dimensions
Ø12 ⅹ55mm(long)
Thread mounting
M12 ⅹ 1mm pitch
Cable length
about 1m (39.37 inch)
Weight with cable
36g
Cable interface
molex 5264-05
Communication interface/
protocol
RS-485/ Modbus-RTU
Relative humidity
95% Max. non-condensing
*: ±2% of reading or ±2℃ whichever is greater.
Accuracy is only effective if the object is fully covered by the
sensor's FOV and applicable to stable temperature conditions.
Dimensions / Pins and Wiring colors
unit: mm
The shield wire is connected to the GND wire.
No.
Wire Color
Description
1
Red
VDD (5V)
2
Yellow or Black
Ground
3
White
RS485 D-
4
Blue or Green
RS485 D+
5
None
None
Calculate Field of View
The FOV determines the size of the infrared measurement area
according to the distance.
unit: mm
Angle
FOV
7.16°
2 ⅹ tan( 7.16
° 2) ⅹ distance(mm) + 6.65 (mm)
3.814°
2 ⅹ tan( 3.814
° 2) ⅹ distance(mm) + 7.5 (mm)
2.886°
2 ⅹ tan( 2.886
° 2) ⅹ distance(mm) + 7.5 (mm)
Accessories
nut
(assembled to the body.)
2pcs
Protective cap
(Remove when using)
1pc
Molex 5267-05A-X
1pc


Similar Part No. - CT-N

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
CT-N DIWELL-CT-N Datasheet
504Kb / 4P
CT-N Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
CT-N Series Test board
1.0.0 2022. 5. 9.
More results

Similar Description - CT-N

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PT-2L ASM-SENSOR-PT-2L Datasheet
1Mb / 2P
Portable Non-Contact Thermometer
PT-3LF ASM-SENSOR-PT-3LF Datasheet
1Mb / 2P
Portable Non-contact Thermometer
logo
Extech Instruments Corp...
403265 EXTECH-403265 Datasheet
87Kb / 8P
Non-Contact Infrared Thermometer
IR200 EXTECH-IR200 Datasheet
171Kb / 8P
Non-contact Forehead IR Thermometer
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
logo
Melexis Microelectronic...
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
Ultra Small, Intelligent Non Contact IR Thermometer
logo
Fluke Corporation
572-2 FLUKE-572-2 Datasheet
981Kb / 28P
Infrared Thermometer
561 FLUKE-561 Datasheet
258Kb / 2P
Fluke 561 Infrared and Contact Thermometer
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G Datasheet
788Kb / 3P
Compact Non-contact Infrared Thermometer
1.0.0 2022. 5. 9.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com