Electronic Components Datasheet Search
  English  ▼

X  

CS166125 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CS166125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS166125 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CS166125 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Magnetic Powder Cores :::
22
21 ::: Chang Sung Corporation
MAGNETIC POWDER CORES
TECHNICAL DATA
MAGNETIC POWDER CORES
TECHNICAL DATA
035
039
046
063
066
067
068
078
096
097
102
112
127
166
172
203
229
234
270
330
343
358
400
467
468
508
571
572
777
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
inch
cm
cm2( 10-3)
Cir-Mil
Area
Diameter
gm/cm
Weight
200
400
600
800
11046
8798
7022
5610
4556
3624
2905
2323
1857
1490
1197
954.8
761.7
620.0
497.3
396.0
316.8
259.2
207.3
169.0
134.5
110.2
90.25
72.25
56.25
44.89
36.00
30.25
24.01
18.49
14.44
11.56
9.00
7.29
6.25
55.9
44.5
35.64
28.36
22.95
18.37
14.73
11.68
9.326
7.539
6.065
4.837
3.857
3.135
2.514
2.002
1.603
1.313
1.0515
0.8548
0.6785
0.5595
0.4559
0.3662
0.2863
0.2268
0.1813
0.1538
0.1207
0.0932
0.0723
0.0584
0.04558
0.03683
0.03165
10-6 cm
at 20
32.70
41.37
52.09
65.64
82.80
104.3
131.8
165.8
209.5
263.9
332.3
418.9
531.4
666.0
842.1
1062.0
1345.0
1687.6
2142.7
2664.3
3402.2
4294.6
5314.9
6748.6
8572.8
10849
13608
16801
21266
27775
35400
43405
54429
70308
85072
Cir-Mil
10384
8226
6529
5184
4109
3260
2581
2052
1624
1289
1024
812.3
640.1
510.8
404.0
320.4
252.8
201.6
158.8
127.7
100.0
79.21
64.00
50.41
39.69
31.36
25.00
20.25
16.00
12.25
9.61
7.84
6.25
4.84
4.00
cm2
( 10-3)
AWG
Wire
No.
53.61
41.68
33.08
26.26
20.82
16.51
13.07
10.39
8.228
6.531
5.188
4.116
3.243
2.588
2.047
1.623
1.280
10.21
0.8046
0.6470
0.5067
0.4013
0.3242
0.2554
0.2011
0.1589
0.1266
0.1026
0.08107
0.06207
0.04869
0.03972
0.03166
0.02452
0.0202
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
0.00762
0.00685
0.00635
0.1051
0.0938
0.0838
0.0749
0.0675
0.0602
0.0539
0.0482
0.0431
0.0386
0.0346
0.0309
0.0276
0.0249
0.0223
0.0199
0.0178
0.0161
0.0144
0.0130
0.0116
0.0105
0.0095
0.0085
0.0075
0.0067
0.0060
0.0055
0.0049
0.0043
0.0038
0.0034
0.0030
0.0027
0.0025
0.468
0.3750
0.2977
0.2367
0.1879
0.1492
0.1184
0.0943
0.07472
0.05940
0.04726
0.03757
0.02965
0.02372
0.01884
0.01498
0.01185
0.00945
0.00747
0.00602
0.00472
0.00372
0.00305
0.00214
0.00189
0.00150
0.00119
0.000977
0.000773
0.000593
0.000464
0.000379
0.000299
0.000233
0.000195
10.4
8.23
6.53
5.18
4.11
3.26
2.58
2.05
1.62
1.29
1.02
0.812
0.640
0.511
0.404
0.320
0.253
0.202
0.159
0.128
0.100
0.0792
0.0640
0.0504
0.0397
0.0314
0.0250
0.0203
0.0160
0.0123
0.00961
0.00785
0.00625
0.00484
0.00400
20.8
16.4
13.06
10.4
8.22
6.52
5.16
4.10
3.25
2.58
2.05
1.63
1.28
1.02
0.808
0.641
0.506
0.403
0.318
0.255
0.200
0.158
0.128
0.101
0.0794
0.0627
0.0500
0.0405
0.0320
0.0245
0.0192
0.0157
0.0125
0.00968
0.00800
31.2
24.6
19.6
15.5
12.3
9.78
7.74
6.15
4.88
3.87
3.08
2.44
1.92
1.53
1.21
0.962
0.759
0.604
0.477
0.382
0.300
0.237
0.192
0.152
0.119
0.0940
0.0750
0.0608
0.0480
0.0368
0.0288
0.0236
0.0188
0.0145
0.0120
41.6
32.8
26.1
20.8
16.4
13.0
10.3
8.20
6.50
5.16
4.10
3.25
2.56
2.04
1.62
1.28
1.01
0.806
0.636
0.510
0.400
0.316
0.256
0.202
0.159
0.125
0.100
0.0810
0.0640
0.0490
0.0384
0.0314
0.0250
0.0194
0.0160
Bare Area
Resistivity
Heavy Synthetics
Current Capacity Amps
(listed by columns of amps/cm2)
Turns / Single Layer
Cir-Mils
cm2
ft
100 (unity)
b
0
inch
0.0229
0.0344
0.0375
0.0442
0.0435
0.0575
0.0586
0.0524
0.0588
0.0632
0.0651
0.0720
0.0815
0.1057
0.1204
0.1204
0.1405
0.1473
0.1714
0.1943
0.1923
0.204
0.242
0.284
0.273
0.279
0.296
0.306
0.340
cm
0.698
1.049
1.143
1.348
1.327
1.754
1.786
1.598
1.793
1.928
1.986
2.195
2.49
3.22
3.67
3.67
4.29
4.49
5.23
5.93
5.87
6.22
7.38
8.66
8.34
8.51
9.02
9.33
10.40
ft
0.0195
0.0293
0.0324
0.0379
0.0371
0.0531
0.0512
0.0417
0.0448
0.0498
0.0504
0.0507
0.0574
0.0721
0.0763
0.0763
0.0886
0.0982
0.1233
0.1238
0.1059
0.1238
0.1578
0.204
0.1706
0.1623
0.212
0.1739
0.193
cm
0.594
0.894
0.988
1.156
1.132
1.620
1.561
1.272
1.366
1.519
1.537
1.545
1.751
2.20
2.33
2.33
2.70
3.00
3.76
3.78
3.23
3.78
4.81
6.22
5.20
4.95
6.46
5.30
5.90
3,600
6,080
5,780
8,100
8,100
7,570
18,500
18,200
28,200
28,200
32,400
53,800
75,600
140,600
126,000
225,600
277,700
293,800
308,000
577,600
788,500
719,100
842,700
842,700
1,206,000
1,484,000
1,014,049
1,871,000
3,550,000
0.018
0.0308
0.029
0.0412
0.0412
0.0384
0.0934
0.0922
0.1429
0.1429
0.164
0.273
0.383
0.713
0.638
1.14
1.41
1.49
1.56
2.93
4.01
3.64
4.27
4.27
6.11
7.50
5.14
9.48
17.99
Core
Size
0.195 0.108
0.227 0.187
0.262 0.195
0.347 0.212
0.359 0.202
0.361 0.292
0.378 0.394
0.433 0.265
0.526 0.293
0.526 0.323
0.554 0.333
0.618 0.353
0.717 0.451
0.932 0.599
0.980 0.641
1.148 0.684
1.283 0.778
1.319 0.843
1.468 0.944
1.840 1.103
1.974 1.142
2.01 1.165
2.22 1.385
2.51 1.525
2.61 1.568
2.85 1.600
2.98 1.34
3.20 1.748
4.40 2.14
mm
4.95 2.74
5.77 4.75
6.65 4.94
8.81 5.38
9.12 5.13
9.17 7.42
9.60 10.01
11.0 6.73
13.4 7.44
13.4 8.20
14.1 8.46
15.7 9.0
18.2 11.5
23.7 15.2
24.9 16.3
29.2 17.4
32.6 19.8
33.5 21.4
37.3 24.0
46.7 28.0
50.1 29.0
51.1 29.6
56.4 35.2
63.8 38.7
66.3 39.8
72.4 40.6
75.7 34.0
81.3 44.4
112.0 54.3
Window Areaa
Wire Length / Turn
Wound Dimension
c
OD HT(Max)
Core
Size
Wire
No.
Wire
Dia
ID(mm)
046
1.93
063
066
2.29
068
078
3.45
096
097
4.27
102
4.57
112
5.89
127
6.99
166
9.53
172
9.02
203
12.07
229
13.39
234
13.77
270
14.10
330
19.30
343
22.60
358
21.50
400
467
23.30
468
27.90
508
30.90
571
25.60
572
34.70
610
31.37
777
48.00
10
11
12
13
14
15
16
17
18
19
20
22
24
26
28
30
32
34
36
2.67
2.38
2.13
1.90
1.71
1.53
1.37
1.22
1.09
0.98
0.88
0.70
0.56
0.45
0.36
0.29
0.24
0.19
0.15
9
12
15
19
25
31
8
11
14
19
23
30
38
11
14
18
23
29
36
46
58
9
11
14
18
23
29
37
46
58
73
9
10
12
15
20
25
32
40
49
62
9
11
12
14
16
21
26
33
42
52
64
10
11
13
15
17
19
25
31
40
50
63
77
10
11
13
15
17
19
21
24
27
35
44
55
69
9
10
12
14
16
18
20
23
26
33
41
52
65
13
15
17
19
22
25
28
32
35
45
56
71
89
15
17
19
22
25
28
31
35
40
50
63
79
99
15
17
20
22
25
29
32
36
41
52
65
81
101
16
18
20
23
26
29
33
37
42
53
66
83
104
23
26
29
32
37
41
46
52
58
74
92
115
143
27
30
34
38
43
49
55
61
69
87
108
135
168
25
29
32
37
41
46
52
58
65
82
103
129
160
22
25
28
31
35
40
45
50
57
71
90
112
140
26
30
34
38
43
48
54
61
68
77
86
108
134
168
30
33
38
43
48
54
60
68
76
85
95
120
149
186
26
30
34
39
43
49
55
62
70
78
88
111
138
174
37
42
48
54
60
68
76
85
96
108
120
152
189
237
35
39
44
50
56
63
71
80
90
101
113
143
53
60
67
76
84
95
106
119
134
150
168
211
Single Layer Winding Capacity
a : Window Area (= /4 ID2: Core inside diameter), b : Winding Factor ( k= Usable window area/Total window area), c : 100% Winding Assumed
Winding Data
Wire Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com