Electronic Components Datasheet Search
  English  ▼

X  

CS166125 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CS166125
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS166125 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CS166125 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS166125 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Magnetic Powder Cores :::
26
25 ::: Chang Sung Corporation
OD039
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
3.94
2.24
2.54
(inch)
0.155
0.088
0.100
After coating
(mm)
4.14
2.04
2.74
(Parylene-C)
(inch)
0.163
0.080
0.108
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
11
12
14
16
18
20
23
26
29
27
28
29
30
31
32
33
34
35
0.0248
0.0342
0.0458
0.0638
0.0869
0.116
0.161
0.226
0.313
36
37
38
39
40
41
42
43
44
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
0.00762
0.00685
0.00635
33
36
41
47
53
59
67
74
80
0.430
0.579
0.807
1.18
1.67
2.25
3.15
4.45
5.76
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
-
CM039060
-
-
CM039125
CM039147
CM039160
-
-
-
CH039060
-
-
CH039125
-
-
-
-
-
CS039060
CS039075
CS039090
CS039125
-
-
-
-
-
CK039060
CK039075
CK039090
-
-
-
-
-
-
17
21
25
35
41
45
-
-
26
60
75
90
125
147
160
173
200
ID 2.24mm
HT 2.54mm
OD 3.94mm / 0.155inch
AL vs NI Curve (125μ)
0.0211cm2
0.942cm
0.0308cm2
0.019670cm3
0.003245in2
0.370inch
6,080cmil
0.001200in3
OD035
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
3.56
1.78
1.52
(inch)
0.140
0.070
0.060
After coating
(mm)
3.76
1.58
1.72
(parylene-C)
(inch)
0.148
0.062
0.068
Magnetic Dimensions
0.0137cm2
0.817cm
0.018cm2
0.010746cm3
0.002in2
0.317in
3,600cmil
0.000656in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
28
29
30
31
32
33
34
35
36
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
9
10
11
13
14
16
19
21
24
0.0237
0.0314
0.0431
0.0581
0.0768
0.105
0.146
0.200
0.272
37
38
39
40
41
42
43
44
0.0140
0.0124
0.0199
0.0096
0.00863
0.00762
0.00685
0.00635
27
30
35
40
44
50
56
60
0.363
0.503
0.727
1.02
1.37
1.90
2.67
3.45
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
-
CM035060
-
-
CM035125
CM035147
CM035160
-
-
-
CH035060
-
-
CH035125
-
-
-
-
-
CS035060
CS035075
CS035090
CS035125
-
-
-
-
-
CK035060
CK035075
CK035090
-
-
-
-
-
-
13
16
19
26
31
33
-
-
26
60
75
90
125
147
160
173
200
ID 1.78mm
HT 1.52mm
AL vs NI Curve (125μ)
OD 3.56mm / 0.140inch
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com