Electronic Components Datasheet Search
  English  ▼

X  

CS234026 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CS234026
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234026 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CS234026 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Magnetic Powder Cores :::
30
29 ::: Chang Sung Corporation
OD067
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
6.6
2.67
4.78
(inch)
0.260
0.105
0.188
After coating
(mm)
7.32
2.21
5.54
(Epoxy)
(inch)
0.288
0.087
0.218
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0920cm2
1.363cm
0.0384cm2
0.1254cm3
0.01426in2
0.537in
7,570cmil
0.007443in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
25
26
27
28
29
30
31
32
33
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
9
11
12
14
16
18
20
22
25
0.0223
0.0312
0.0431
0.0605
0.0826
0.117
0.162
0.220
0.309
34
35
36
37
38
39
40
41
42
0.0191
0.0170
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
0.00762
29
32
36
40
45
52
59
66
74
0.440
0.617
0.857
1.17
1.64
2.42
3.46
4.70
6.62
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM067026
CM067060
-
-
CM067125
CM067147
CM067160
CM067173
CM067200
CH067026
CH067060
-
-
CH067125
CH067147
CH067160
-
-
-
CS067060
CS067075
CS067090
CS067125
-
-
-
-
-
CK067060
CK067075
CK067090
-
-
-
-
-
21
50
62
74
103
122
132
144
165
26
60
75
90
125
147
160
173
200
ID 2.67mm
HT 4.78mm
OD 6.6mm / 0.260inch
AL vs NI Curve (60μ, 125μ)
OD066
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
6.6
2.67
2.54
(inch)
0.260
0.105
0.100
After coating
(mm)
7.24
2.29
3.18
(Epoxy)
(inch)
0.285
0.090
0.125
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0476cm2
1.363cm
0.0412cm2
0.063971cm3
0.00738in2
0.537in
8,100cmil
0.003904in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
25
26
27
28
29
30
31
32
33
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
10
11
13
14
16
19
21
23
26
0.0180
0.0249
0.0341
0.0474
0.0642
0.0902
0.124
0.167
0.233
34
35
36
37
38
39
40
41
42
30
34
38
42
47
54
61
68
77
0.0191
0.0170
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
0.00762
0.330
0.461
0.637
0.862
1.21
1.78
2.53
3.43
4.81
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM066026
CM066060
-
-
CM066125
CM066147
CM066160
CM066173
CM066200
CH066026
CH066060
-
-
CH066125
CH066147
CH066160
-
-
-
CS066060
CS066075
CS066090
CS066125
-
-
-
-
-
CK066060
CK066075
CK066090
-
-
-
-
-
11
26
32
39
54
64
69
75
86
26
60
75
90
125
147
160
173
200
ID 2.67mm
HT 2.54mm
AL vs NI Curve (60μ, 125μ)
OD 6.6mm / 0.260inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com