Electronic Components Datasheet Search
  English  ▼

X  

CS234026 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CS234026
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234026 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CS234026 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS234026 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Magnetic Powder Cores :::
40
39 ::: Chang Sung Corporation
OD203
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
20.32
12.70
6.35
(inch)
0.800
0.500
0.250
After coating
(mm)
21.1
12.07
7.11
(Epoxy)
(inch)
0.830
0.475
0.280
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.226cm2
5.09cm
1.14cm2
1.1510cm3
0.035in2
2.01in
225,600cmil
0.07035in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
13
15
17
19
22
25
28
32
35
0.00221
0.00307
0.00424
0.00590
0.00822
0.0114
0.0159
0.0222
0.0308
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
40
45
50
56
63
71
79
89
98
0.0430
0.0604
0.0834
0.117
0.164
0.230
0.318
0.448
0.614
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM203026
CM203060
-
-
CM203125
CM203147
CM203160
CM203173
CM203200
CH203026
CH203060
-
-
CH203125
CH203147
CH203160
-
-
CS203026
CS203060
CS203075
CS203090
CS203125
-
-
-
-
CK203026
CK203060
CK203075
CK203090
-
-
-
-
-
14
32
41
49
68
81
87
96
109
26
60
75
90
125
147
160
173
200
ID 12.70mm
HT 6.35mm
OD 20.32mm / 0.800inch
AL vs NI Curve (60μ, 125μ)
OD172
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
17.27
9.65
6.35
(inch)
0.680
0.380
0.250
After coating
(mm)
18.03
9.02
7.11
(Epoxy)
(inch)
0.710
0.355
0.280
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.232cm2
4.14cm
0.683cm2
0.9605cm3
0.0360in2
1.63in
126,000cmil
0.05868in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
9
10
12
14
16
18
20
23
26
0.00161
0.00225
0.00311
0.00434
0.00606
0.00843
0.0118
0.0164
0.0228
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
29
33
37
41
47
52
58
65
73
0.0319
0.0449
0.0621
0.0869
0.122
0.171
0.237
0.334
0.458
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM172026
CM172060
-
-
CM172125
CM172147
CM172160
CM172173
CM172200
CH172026
CH172060
-
-
CH172125
CH172147
CH172160
-
-
CS172026
CS172060
CS172075
CS172090
CS172125
-
-
-
-
CK172026
CK172060
CK172075
CK172090
-
-
-
-
-
19
43
53
64
89
105
114
123
142
26
60
75
90
125
147
160
173
200
ID 9.65mm
HT 6.35mm
AL vs NI Curve (60μ, 125μ)
OD 17.27mm / 0.680inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com