Electronic Components Datasheet Search
  English  ▼

X  

CS234060 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS234060
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234060 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS234060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Chang Sung Corporation manufactures four types of soft magnetic powder cores including the Molybdenum Permalloy
(MPP), High Flux, Sendust and Mega Flux , which are mainly used for inductors and transformers requiring low losses and
inductance stability under high DC bias conditions. A fully standardized production management system under strict
quality control of the raw materials (nickel, iron, molybdenum, aluminum and silicon) enables CSC to guarantee consistent
quality and thus build greater confidence in our company’s product line.
MPP
Ni-Fe-Mo alloy powder cores are made from alloy powders of
nickel, iron and molybdenum.
MPP cores exhibit a highly sustainable stability in temperature and inductance under high DC
magnetization or high DC Bias conditions. They offer the highest permeability among our
materials and the lowest core loss compared to any other core material. MPP cores are also
considered to be a premium material for direct current output inductors for SMPS including
high Q filters, loading coils and EMI/RFI filters. Finished toroid cores are coated with a gray
epoxy to provide dielectric protection and added physical strength.
HIGH FLUX
Ni-Fe alloy powder cores are made from alloy powders of nickel and iron.
The 15,000 Gauss saturation level of High Flux cores has a higher energy storage capability
and more effective permeability when compared to the performance of gapped ferrite or
powdered iron cores of a similar size. The excellent DC bias characteristics and low core losses
of High Flux cores offer a reduction in size and the number of winding turns as well as superior
magnetic properties. CSC High Flux cores are excellent choices for applications such as PFC
reactors, switching regulator inductors, in-line noise filters, pulse transformers and flyback
transformers. Finished High Flux cores are coated with a Khaki epoxy and come in a variety of
shapes and sizes.
SENDUST
Fe-Si-Al alloy powder cores are made from alloy powders of iron,
silicon and aluminum.
Near-zero magnetostriction makes Sendust cores ideal for eliminating audible noise in filter
inductors. Core losses of Sendust cores are significantly lower than those of powdered iron
cores. Especially Sendust E shapes provide a higher energy storage capability than gapped
Ferrite E cores. Gap losses and eddy current losses are minimized with Sendust E cores
compared to gapped ferrite E shapes. Sendust cores are a smart choice for PFC circuits. Other
major applications include switching regulator inductors, In-line noise filters, pulse
transformers and flyback transformers. Finished Sendust cores are coated in a black epoxy.
MEGA FLUX
Fe-Si alloy powder cores are made from an alloy of iron and silicon.
CSC has developed new magnetic alloy powder cores for the first time in the world under the name of
Mega Flux . The innovative design of these unique cores includes a smaller size, higher current and
higher energy storage capability. Mega Flux cores have higher flux density than any other magnetic
material, 16,000Gauss compared to 15,000Gauss for High Flux cores and 10,000 Gauss for Sendust
cores. The extremely good DC bias characteristics provide the best solution for high end applications
such as buck/boost inductors for high power supply systems, smoothing chokes for inverters and
reactors for electric vehicles. Mega Flux cores pressed with no organic binder have significantly lower
core losses than powdered iron cores and Fe-Si strip cores. They also present excellent thermal
properties with no thermal aging effects. Finished Mega Flux cores are coated with a dark brown epoxy.
Outstanding products begin with a standardized
production line and a strict quality control process
MAGNETIC POWDER CORES
PRODUCT DESCRIPTION
MAGNETIC POWDER CORES
TECHNICAL DATA
Comparison of Core materials
Perm. ( )
Bs (G)
Core Loss
DC Bias
Relative Cost
Temp. Stability
Curie Temp ( )
MPP
14-200
7,000
Lower
Better
High
Best
450
High Flux
26-160
15,000
Low
Best
Medium
Better
500
Sendust
26-125
10,000
Low
Good
Low
Good
500
Mega Flux
26-90
16,000
Medium
Best
Low
Better
700
Iron
10-100
10,000
High
Poor
Lowest
Poor
770
Fe-si (Gapped)
18,000
High
Best
Lowest
Good
740
Amorphous (Gapped)
15,000
Low
Better
Medium
Good
400
Ferrite (Gapped)
4,500
Lowest
Poor
Lowest
Poor
100~300
Permeability vs DC Bias
Core Loss (at 50kHz)
Magnetic Powder Cores :::
06
05 ::: Chang Sung Corporation
Materials
Powder
Strip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com