Electronic Components Datasheet Search
  English  ▼

X  

CS234060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS234060
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS234060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS234060 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Innovative Technological Advancements
Move forward with Chang Sung Corporation. We are one of the main
suppliers of cutting edge products to all our customers at the
forefront of the next generation in energy solutions.
www.changsung.com
Ver.12
MAGNETIC
POWDER CORES
ISO/TS 16949
KS Q/ISO 14001
OHSAS 18001
Offices and Factories in Korea
Headquarters & Incheon Factory
620-8 Namchon-dong, Namdong-gu,
Incheon, Korea
Tel: 82-32-450-8770
Fax: 82-32-450-8870
International Business Center
4FL, Kukje Bldg, 127-1, Nonhyun-dong, Kangnam-gu,
Seoul, Korea
Tel: 82-2-512-3793
Fax: 82-2-512-3214
Pyeongtaek Factory
148-40, Goryeom-ri, Cheongbuk-myeon, Pyeongtaek-si,
Gyeonggi-do, Korea
Tel: 82-31-683-2466
Fax: 82-31-683-2465
Cheongju Factory
8-8 Poongjung-ri, Naesu-eup, Cheongwon-gun,
Chungbuk, Korea
Tel: 82-43-213-8801
Fax: 82-43-213-8807
Offices and Factories Overseas
China
Weihai Factory
Changxing Road, First Industrial Complex, Huanshan RD,
Economic Technological Development Zone,
Weihai City, Shandong Province, China
Tel: 86-631-596-5931 Fax: 86-631-596-8160
Dongguan Factory
Huangkeng Industrial Area, Shilongkeng Village,
LiaoBu Town, Dongguan City, Guangdong Province, China
Tel: 86-769-8352-1800 Fax: 86-769-8352-1803
Japan
Tokyo Office
Bansui Ken Bldg, 5F, Toranomon 1-6-6,
Minato-Ku Tokyo, Japan 105-0001
Tel: 81-3-5512-5380 Fax: 81-3-5501-3234


Similar Part No. - CS234060

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS23 IXYS-CS23 Datasheet
60Kb / 3P
Phase Control Thyristors
logo
List of Unclassifed Man...
CS23-04GO2 ETC1-CS23-04GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS23-08GO2 ETC1-CS23-08GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS23-08IO2 ETC1-CS23-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
Naina Semiconductor ltd...
CS23-08IO2 NAINA-CS23-08IO2 Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
More results

Similar Description - CS234060

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
YU61-26CORE YUXIANG-YU61-26CORE Datasheet
55Kb / 1P
U TYPE IRON POWDER CORES
logo
Ferroxcube Internationa...
F07_2011 FERROXCUBE-F07_2011 Datasheet
354Kb / 4P
Powder cores manufacturing location and 12NC change
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2052-W827 VACUUMSCHMELZE-T60004-L2052-W827 Datasheet
29Kb / 2P
Specification for Soft Magnetic Cores
T60006-E4010-W663 VACUUMSCHMELZE-T60006-E4010-W663 Datasheet
30Kb / 2P
Specification for Soft Magnetic Cores
T60006-E4012-W535 VACUUMSCHMELZE-T60006-E4012-W535 Datasheet
27Kb / 2P
Specification for Soft Magnetic Cores
T60006-E4015-W813 VACUUMSCHMELZE-T60006-E4015-W813 Datasheet
29Kb / 2P
Specification for Soft Magnetic Cores
T60006-L2019-W766 VACUUMSCHMELZE-T60006-L2019-W766 Datasheet
47Kb / 2P
Specification for Soft Magnetic Cores
T60006-L2009-W914 VACUUMSCHMELZE-T60006-L2009-W914 Datasheet
39Kb / 1P
Specification for Soft Magnetic Cores
logo
Magnetics, a division o...
0076083A7 MAGNETICS-0076083A7 Datasheet
679Kb / 1P
Kool Mµ® Hƒ Powder Cores
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
Kool Mµ® Hƒ Powder Cores
2/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com