Electronic Components Datasheet Search
  English  ▼

X  

LMV331I Datasheet(PDF) 15 Page - Texas Instruments

Part # LMV331I
Description  PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331I Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV331I Datasheet HTML 11Page - Texas Instruments LMV331I Datasheet HTML 12Page - Texas Instruments LMV331I Datasheet HTML 13Page - Texas Instruments LMV331I Datasheet HTML 14Page - Texas Instruments LMV331I Datasheet HTML 15Page - Texas Instruments LMV331I Datasheet HTML 16Page - Texas Instruments LMV331I Datasheet HTML 17Page - Texas Instruments LMV331I Datasheet HTML 18Page - Texas Instruments LMV331I Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.ti.com
Control Interface (J30)
Table 2-6. J40 Pin Description (continued)
PIN NUMBER
NET-NAME AT SCHEMATICS
DESCRIPTION
13
-
Reserved
14
-
Reserved
15
-
Reserved
16
-
Reserved
17
GND
Ground
18
-
Reserved
19
-
Reserved
20
/SD
Shutdown error reporting for all channels. Activated
if TAS5122 has high current or high temperature
for ~100 mS. See chaptor 3: Protection
21
-
Reserved
22
/OTW
Temperature warning. Activated with low signal if
one or more TAS5122 has reached temperature
warning level
23
-
Reserved
24
/HP_SEL
Headphone select. Headphone active when low
and inactive when high. Default setting is high.
25
GND
Ground
26
GND
Ground
27
-
Reserved
28
-
Reserved
29
-
Reserved
30
-
Reserved
31
GND
Ground
32
GND
Ground
33
+5V
+5Vdc power supply (output)
34
+5V
+5Vdc power supply (output)
System Interfaces
SLEU058 – October 2004
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com