Electronic Components Datasheet Search
  English  ▼

X  

5012 Datasheet(PDF) 1 Page - Texas Instruments

Part # 5012
Description  AN-1713 LM5116-12 Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5012 Datasheet(HTML) 1 Page - Texas Instruments

  5012 Datasheet HTML 1Page - Texas Instruments 5012 Datasheet HTML 2Page - Texas Instruments 5012 Datasheet HTML 3Page - Texas Instruments 5012 Datasheet HTML 4Page - Texas Instruments 5012 Datasheet HTML 5Page - Texas Instruments 5012 Datasheet HTML 6Page - Texas Instruments 5012 Datasheet HTML 7Page - Texas Instruments 5012 Datasheet HTML 8Page - Texas Instruments 5012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
User's Guide
SNVA285A – October 2007 – Revised April 2013
AN-1713 LM5116-12 Evaluation Board
1
Introduction
The LM5116-12 evaluation board is designed to provide the design engineer with a fully functional power
converter based on Emulated Current Mode Control to evaluate the LM5116 controller IC. The evaluation
board provides a 12V output with a 5A current capability. The operating input voltage ranges from 15V to
80V. The design operates at 250kHz, a good compromise between conversion efficiency and solution
size. The printed circuit board consists of 4 layers, 2 ounce copper top and bottom, 1 ounce copper
internal layers on FR4 material with a thickness of 0.06 inches. This user's guide contains the evaluation
board schematic, Bill-of-Materials (BOM), and a quick setup procedure. For complete circuit design
information, see LM5116 Wide Range Synchronous Buck Controller (SNVS499).
The performance of the evaluation board is:
•
Input Range: 15V to 80V
•
Output Voltage: 12V
•
Output Current: 0 to 5A
•
Frequency of Operation: 250 kHz
•
Board Size: 2.55 × 2.65 × 0.7 inches
•
Load Regulation: 1%
•
Line Regulation: 0.1%
•
Hiccup Mode Current Limit Protection
Figure 1. Efficiency with 10 µH Gowanda Inductor
Figure 2. Efficiency with 10 µH Pulse Inductor
All trademarks are the property of their respective owners.
1
SNVA285A – October 2007 – Revised April 2013
AN-1713 LM5116-12 Evaluation Board
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated


Similar Part No. - 5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5012 TI1-5012 Datasheet
372Kb / 13P
2-A to 6-A Integrated Power Solution
5012 TI1-5012 Datasheet
606Kb / 19P
TPS84250EVM-001 2.5-A, Integrated Power Solution
logo
List of Unclassifed Man...
5012 ETC2-5012 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Molex Electronics Ltd.
5012 MOLEX11-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5012 KEYSTONE-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
More results

Similar Description - 5012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
Evaluation Board for 1MSPS, 12-Bit ADC
REV.0
logo
Cirrus Logic
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
Evaluation Board to be an easy-to-use platform to evaluate
logo
Texas Instruments
AN-2244 TI1-AN-2244 Datasheet
5Mb / 8P
AN-2244 LP5907 micro SMD Evaluation Board Information
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-2084 TI-AN-2084 Datasheet
2Mb / 10P
AN-2084 LMZ1420xEXT / LMZ1200xEXT Evaluation Board
logo
STMicroelectronics
AN4210 STMICROELECTRONICS-AN4210 Datasheet
209Kb / 12P
PowerSSO-12 devices evaluation board
03-Dec-2012
logo
Monolithic Power System...
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com