Electronic Components Datasheet Search
  English  ▼

X  

5012 Datasheet(PDF) 3 Page - Texas Instruments

Part # 5012
Description  AN-1713 LM5116-12 Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5012 Datasheet(HTML) 3 Page - Texas Instruments

  5012 Datasheet HTML 1Page - Texas Instruments 5012 Datasheet HTML 2Page - Texas Instruments 5012 Datasheet HTML 3Page - Texas Instruments 5012 Datasheet HTML 4Page - Texas Instruments 5012 Datasheet HTML 5Page - Texas Instruments 5012 Datasheet HTML 6Page - Texas Instruments 5012 Datasheet HTML 7Page - Texas Instruments 5012 Datasheet HTML 8Page - Texas Instruments 5012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Powering and Loading Considerations
2.3
Powering Up
Using the enable pin provided will allow powering up the source supply with the current level set low. It is
suggested that the load be kept low during the first power up. Set the current limit of the source supply to
provide about 1.5 times the anticipated wattage of the load. As you remove the connection from the
enable pin to ground, immediately check for 12 volts at the output.
A quick efficiency check is the best way to confirm that everything is operating properly. If something is
amiss you can be reasonably sure that it will affect the efficiency adversely. Few parameters can be
incorrect in a switching power supply without creating losses and potentially damaging heat.
2.4
Over Current Protection
The evaluation board is configured with hiccup mode over-current protection. This helps to limit the
thermal stress while in an overloaded condition. If a sustained overload is expected before the onset of
hiccup mode, ensure that sufficient cooling (airflow) is maintained. The peak short circuit current is limited
to approximately 11A.
For sustained short circuit protection, a counter trips the internal fault timer when a current limit condition
exists for more than 256 clock cycles. C7 sets the off-time of the current limit fault timer, which may be
lengthened by increasing the value of C7. D2 is used to discharge C7 in the event of a fast decay of the
input voltage. Though not recommended, the hiccup fault timer may be disabled by removing C7.
Figure 5. Short Circuit at 48V
IN
Figure 6. Short Circuit at 80V
IN
Figure 7. Short Circuit Recovery into Resistive Load
3
SNVA285A – October 2007 – Revised April 2013
AN-1713 LM5116-12 Evaluation Board
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com