Electronic Components Datasheet Search
  English  ▼

X  

NF400-REP Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # NF400-REP
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF400-REP Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button NF400-REP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
15
Low-inst
Standard
Mag-Only
Generator
690V
500V
440V
400V
230V
Frame (A)
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
AC Breaking
capacity (kA rms)
IEC60947-2
Icu/Ics
CIRCUIT BREAKER SELECTION TABLE
30
NF30-CS
3, 5, 10, 15, 20, 30
500
–
–
1.5/1.5 (415V)
1.5/1.5 (380V)
2.5/2 (240V)
23
–
–
–
–
–
–
–
–
Hydraulic-magnetic
Fixed ampere rating and
instantaneous
NF30-SP
3, 5, 10, 15, 20, 30
600
–
2.5/1
2.5/1
5/2
5/2
23
–
–
–
–
–
–
23
Magnetic
Fixed ampere rating
instantaneous
50
10, 15, 20, 30, 40, 50
600
–
2.5/1
2.5/1
5/2
5/2
23
Hydraulic-magnetic
Fixed ampere rating and
instantaneous
Hydraulic-magnetic
Fixed ampere rating and
instantaneous
–
–
–
–
–
–
–
Magnetic
Fixed ampere rating
instantaneous
23
NF50-CP
330
±
6
550
±
10
10
100
±
20
15
150
±
30
20
200
±
40
30
300
±
60
339
±
17
566
±
28
10
132
±
57
15
198
±
86
20
265
± 115
30
397
± 172
333
±
10
555
±
17
10
110
±
35
15
165
±
52
20
220
±
70
30
330
± 105
10
110
±
35
15
165
±
52
20
220
±
70
30
330
± 105
40
440
± 140
50
550
± 175
10
100
±
20
15
150
±
30
20
200
±
40
30
300
±
60
40
400
±
80
50
500
± 100
Type
Rated current
In (A)
Rated insulation voltage Ui (V) AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com