Electronic Components Datasheet Search
  English  ▼

X  

NF400-REP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # NF400-REP
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF400-REP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button NF400-REP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor NF400-REP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
6
3.1 General
The primary components are: a switching mechanism,
an automatic tripping device (and manual trip button),
contacts, an arc-extinguishing device, terminals and
a molded case.
3. CONSTRUCTION AND OPERATION
Fig. 3.1 Type NF100-SP Construction
Handle
1. Trip indication
The automatically tripped condi-
tion is indicated by the handle in
the center position between ON
and OFF, the yellow (or white)
line cannot be seen in this posi-
tion.
2. Resetting
Resetting after tripping is per-
formed by first moving the han-
dle to the OFF position to en-
gage the mechanism, then re-
turning the handle to ON to re-
close the circuit.
3. Trip-Free
Even if the handle is held at
ON, the breaker will trip if an
overcurrent flows.
4. Contact On Mechanism
Even in the worst case in which
welding occurs owing to an
overcurrent, the breaker will trip
and the handle will maintain to
ON, indicating the energizing
state.
ON
OFF
Trip
Handle indication
Arc-Extinguishing Device
Mitsubishi MCCBs feature excel-
lent
arc-extinguishing
perfor-
mance by virtue of the optimum
combination of grid gap, shape,
and material.
Trip Button (Push to Trip)
Enables
tripping
mechanically
from outside, for confirming the
operation of the accessory switch-
es and the manual resetting func-
tion.
Switching Mechanism
The contacts open and close rap-
idly, regardless of the moving
speed of the handle, minimizing
contact wear and ensuring safety.
Link-mechanism
operation
Magnetic flux
Arc extinction
Magnetic
force
Grid
Arc
Contact
Molded case
(Base)
Terminal
Molded case
(Cover)
Automatic tripping device
ON
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com