Electronic Components Datasheet Search
  English  ▼

X  

NF800-REP Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # NF800-REP
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF800-REP Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button NF800-REP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
48
Branch Breaker
Icu(kA)
Type
Main Breaker
SELECTIVE-INTERRUPTION COMBINATIONS (DISCRIMINATION) 230VAC (Sym. kA)
Rated current
(A)
NF100-SEP
NF250-SEP
NF400-SEP
NF630-SEP
50
50
85
85
Type
Icu(kA)
125 150 175 200 225 250
30
40
50
60
75
100
300 350 400 500 600 630
200 225 250 300 350 400
Selective limit current
NF250-SEP
50
125
150
175
200
225
250
7
8
10
6
7
8
10
6
7
8
10
10
5
6
6
7
8
10
4
5
6
6
7
8
3.5
4
5
6
6
7
6.4
5
6
6
7
8
10
4
5
6
6
7
8
3.5
4
5
6
6
7
3
3.5
4
5
5
6
2.5
3
3
3.5
4
5
2.5
3
3.5
4
5
10
Selective limit current
NF250-HEP
100
125
150
175
200
225
250
7
8
10
6
7
8
10
6
7
8
10
10
5
6
6
7
8
10
4
5
6
6
7
8
3.5
4
5
6
6
7
6.4
5
6
6
7
8
10
4
5
6
6
7
8
3.5
4
5
6
6
7
3
3.5
4
5
5
6
2.5
3
3
3.5
4
5
2.5
3
3.5
4
5
10
Selective limit current
NF400-CP
50
250
300
350
400
10
8
10
7
8
10
6
7
8
10
5
6
6
7
4
5
6
7
9.5
Selective limit current
NF400-SP
85
250
300
350
400
10
8
10
10
6
8
10
10
6
7
8
10
9.5
Selective limit current
NF400-SEP
85
200
225
250
300
350
400
7
8
10
6
7
8
10
6
6
7
8
10
5
5
6
7
8
10
3.5
4
5
6
6
7
3.5
4
4
5
6
7
9.5
Selective limit current
NF400-HEP
100
200
225
250
300
350
400
7
8
10
6
7
8
10
6
6
7
8
10
5
5
6
7
8
10
3.5
4
5
6
6
7
3.5
4
4
5
6
7
9.5
Selective limit current
NF630-CP
50
500
600
630
Selective limit current
NF630-SP
50
500
600
630
Selective limit current
NF630-SEP
85
300
350
400
500
600
630
Selective limit current
NF630-HEP
100
300
350
400
500
600
630
Icu: Rated breaking capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com