Electronic Components Datasheet Search
  English  ▼

X  

NF800-REP Datasheet(PDF) 63 Page - Mitsubishi Electric Semiconductor

Part # NF800-REP
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF800-REP Datasheet(HTML) 63 Page - Mitsubishi Electric Semiconductor

Back Button NF800-REP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor NF800-REP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 105 page
background image
62
Branch Breaker
Ics(kA)
Type
Main Breaker
SELECTIVE-INTERRUPTION COMBINATIONS (DISCRIMINATION) 440VAC (Sym. kA)
Rated current
(A)
AE630-SS
AE1000-SS
AE1250-SS
AE1600-SS
65
65
65
65
Type
Icu(kA)
500 600 700 800 900 1000
315 378 441 504 567 630
800 960 1120 1280 1440 1600
625 750 875 1000 1125 1250
In=500 .... 7.5(10)
630 .... 9.8(10)
800 .... 10
1000 .... 10
1250 .... 10
1600 .... 10
Selective limit current
NF100-CP
10
60
75
100
4
6
8
4
4
6
3
4
6
3
3
4
3
3
4
3
4
3
3
4
3
4
3
333
3
433
3
In=500 .... 7(30)
630 .... 9(30)
800 .... 14.5(30)
1000 .... 20(30)
1250 .... 25(30)
1600 .... 30
Selective limit current
NF100-SP
30
60
75
100
4
6
8
4
4
6
3
4
6
3
3
4
3
3
4
3
4
3
3
4
3
4
3
333
3
433
3
Selective limit current
In=500 .... 7(30)
630 .... 9(30)
800 .... 14.5(30)
1000 .... 20(30)
1250 .... 25(30)
1600 .... 30
NF100-SP
T/A
30
63
80
80
100
6
6
4
6
3
4
3
4
3
3
3
3
3
4
3
33
3
33
In=500 .... 11.2(50)
630 .... 16(50)
800 .... 30(50)
1000 .... 50
1250 .... 50
1600 .... 50
Selective limit current
NF100-HP
50
60
75
100
4
6
8
4
4
6
3
4
6
3
3
4
3
3
4
3
4
3
3
4
3
4
3
333
3
433
3
Selective limit current
In=500 .... 11.2(50)
630 .... 16(50)
800 .... 30(50)
1000 .... 50
1250 .... 50
1600 .... 50
NF100-HP
T/A
50
63
80
80
100
6
6
4
6
3
4
3
4
3
3
3
3
3
4
3
33
3
33
In=500 .... 7(25)
630 .... 9(25)
800 .... 14.5(25)
1000 .... 20(25)
1250 .... 25
1600 .... 25
Selective limit current
NF100-SEP
25
60
75
100
3
3
4
3
4
3
333333
In=500 .... 11.2(50)
630 .... 16(50)
800 .... 30(50)
1000 .... 50
1250 .... 50
1600 .... 50
Selective limit current
NF100-HEP
50
60
75
100
3
3
4
3
4
3
333333
In=500 .... 6(25)
630 .... 7(25)
800 .... 11(25)
1000 .... 14(25)
1250 .... 19(25)
1600 .... 25
Selective limit current
NF160-SP
25
125
150
160
8
10
10
6
8
8
6
6
8
6
6
6
4
6
6
4
6
6
6
6
6
4
6
6
4
4
6
3
4
4
3
3
4
3
3
3
4
6
6
3
4
4
3
4
4
3
3
3
3
3
3
3
3
4
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 6(25)
630 .... 7(25)
800 .... 11(25)
1000 .... 14(25)
1250 .... 19(25)
1600 .... 25
NF160-SP
T/A
25
100
125
125
160
6
6
6
6
6
6
4
4
4
4
3
3
4
4
3
3
3
3
3
3
3
3
3
3
3
3
3
3
In=500 .... 7(50)
630 .... 9(50)
800 .... 12(50)
1000 .... 15(50)
1250 .... 25(50)
1600 .... 42(50)
Selective limit current
NF160-HP
50
125
150
160
8
10
10
6
8
8
6
6
8
6
6
6
4
6
6
4
6
6
6
6
6
4
6
6
4
4
6
3
4
4
3
3
4
3
3
3
4
6
6
3
4
4
3
4
4
3
3
3
3
3
3
3
3
4
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7(50)
630 .... 9(50)
800 .... 12(50)
1000 .... 15(50)
1250 .... 25(50)
1600 .... 42(50)
NF160-HP
T/A
50
100
125
125
160
6
6
6
6
6
6
4
4
4
4
3
3
4
4
3
3
3
3
3
3
3
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7.5(15)
630 .... 9.4(15)
800 .... 12(15)
1000 .... 15
1250 .... 15
1600 .... 15
NC250-CP
15
125
150
175
200
225
250
8
10
6
8
10
10
6
6
8
8
10
8
6
6
8
8
8
8
4
6
6
8
8
6
4
6
6
6
8
6
6
6
8
8
8
8
4
6
6
6
8
6
4
4
6
6
6
6
3
4
4
6
6
6
3
3
4
4
6
4
3
3
4
4
4
4
4
6
6
6
8
6
3
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
4
4
3
3
4
4
3
3
3
3
4
3
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
3
3
3
3
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7.5(15)
630 .... 9.4(15)
800 .... 12(15)
1000 .... 15
1250 .... 15
1600 .... 15
NF250-CP
T/A
15
100
125
125
160
150
200
200
250
4
4
6
8
3
3
4
6
3
3
4
6
3
3
4
6
3
4
3
4
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
3
3
3
3
3
4
4
3
4
3
3
3
33
6
6
10
6
6
8
10
6
6
8
8
4
4
6
8
4
4
6
6
3
3
6
6
Icu: Rated breaking capacity
~
~
~
~
~
~
~
~
~
~
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com