Electronic Components Datasheet Search
  English  ▼

X  

SMBJH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJH
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMBJH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMBJH SERIES
Taiwan Semiconductor
2
Version: A2102
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-case thermal resistance
RӨJC
10
°C/W
Junction-to-ambient thermal resistance
RӨJA
55
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number
Marking code
Breakdown voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
ID@VWM
(µA)
Maximum
peak
impulse
current
IPP
(A)
(Note 2)
Maximum
clamping
voltage
VC@IPP
(V)
Min
Max
SMBJ5.0H
KD
6.40
7.30
10
5.0
800
65.0
9.6
SMBJ5.0AH
KE
6.40
7.00
10
5.0
800
68.0
9.2
SMBJ6.0H
KF
6.67
8.15
10
6.0
800
55.0
11.4
SMBJ6.0AH
KG
6.67
7.37
10
6.0
800
61.0
10.3
SMBJ6.5H
KH
7.22
8.82
10
6.5
500
51.0
12.3
SMBJ6.5AH
KK
7.22
7.98
10
6.5
500
56.0
11.2
SMBJ7.0H
KL
7.78
9.51
10
7.0
200
47.0
13.3
SMBJ7.0AH
KM
7.78
8.60
10
7.0
200
52.0
12.0
SMBJ7.5H
KN
8.33
10.3
1
7.5
100
44.0
14.3
SMBJ7.5AH
KP
8.33
9.21
1
7.5
100
48.0
12.9
SMBJ8.0H
KQ
8.89
10.9
1
8.0
50
42.0
15.0
SMBJ8.0AH
KR
8.89
9.83
1
8.0
50
46.0
13.6
SMBJ8.5H
KS
9.44
11.5
1
8.5
10
39.0
15.9
SMBJ8.5AH
KT
9.44
10.4
1
8.5
10
43.0
14.4
SMBJ9.0H
KU
10.0
12.2
1
9.0
5
37.0
16.9
SMBJ9.0AH
KV
10.0
11.1
1
9.0
5
40.0
15.4
SMBJ10H
KW
11.1
13.6
1
10
5
33.0
18.8
SMBJ10AH
KX
11.1
12.3
1
10
5
37.0
17.0
SMBJ11H
KY
12.2
14.9
1
11
1
31.0
20.1
SMBJ11AH
KZ
12.2
13.5
1
11
1
34.0
18.2
SMBJ12H
LD
13.3
16.3
1
12
1
28.0
22.0
SMBJ12AH
LE
13.3
14.7
1
12
1
31.0
19.9
SMBJ13H
LF
14.4
17.6
1
13
1
26.0
23.8
SMBJ13AH
LG
14.4
15.9
1
13
1
29.0
21.5
SMBJ14H
LH
15.6
19.1
1
14
1
24.4
25.8
SMBJ14AH
LK
15.6
17.2
1
14
1
27.0
23.2
SMBJ15H
LL
16.7
20.4
1
15
1
23.1
26.9
SMBJ15AH
LM
16.7
18.5
1
15
1
25.1
24.4
SMBJ16H
LN
17.8
21.8
1
16
1
21.8
28.8
SMBJ16AH
LP
17.8
19.7
1
16
1
24.2
26.0
SMBJ17H
LQ
18.9
23.1
1
17
1
20.0
30.5
SMBJ17AH
LR
18.9
20.9
1
17
1
22.8
27.6
SMBJ18H
LS
20.0
24.4
1
18
1
19.5
32.2
SMBJ18AH
LT
20.0
22.1
1
18
1
21.5
29.2
SMBJ20H
LU
22.2
27.1
1
20
1
17.6
35.8
SMBJ20AH
LV
22.2
24.5
1
20
1
19.4
32.4
SMBJ22H
LW
24.4
29.8
1
22
1
15.0
39.4
SMBJ22AH
LX
24.4
26.9
1
22
1
17.7
35.5
SMBJ24H
LY
26.7
32.6
1
24
1
14.6
43.0
SMBJ24AH
LZ
26.7
29.5
1
24
1
16.0
38.9
SMBJ26H
MD
28.9
35.3
1
26
1
13.5
46.6
SMBJ26AH
ME
28.9
31.9
1
26
1
14.9
42.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com