Electronic Components Datasheet Search
  English  ▼

X  

SMBJH Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJH
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJH Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMBJH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMBJH SERIES
Taiwan Semiconductor
3
Version: A2102
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number
Marking code
Breakdown voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
ID@VWM
(µA)
Maximum
peak
impulse
current
IPP
(A)
(Note 2)
Maximum
clamping
voltage
VC@IPP
(V)
Min
Max
SMBJ28H
MF
31.1
38.0
1
28
1
12.6
50.0
SMBJ28AH
MG
31.1
34.4
1
28
1
13.8
45.4
SMBJ30H
MH
33.3
40.7
1
30
1
11.7
53.5
SMBJ30AH
MK
33.3
36.8
1
30
1
13.0
48.4
SMBJ33H
ML
36.7
44.9
1
33
1
10.6
59.0
SMBJ33AH
MM
36.7
40.6
1
33
1
11.8
53.3
SMBJ36H
MN
40.0
48.9
1
36
1
9.8
64.3
SMBJ36AH
MP
40.0
44.2
1
36
1
10.8
58.1
SMBJ40H
MQ
44.4
54.3
1
40
1
8.8
71.4
SMBJ40AH
MR
44.4
49.1
1
40
1
9.7
64.5
SMBJ43H
MS
47.8
58.4
1
43
1
8.2
76.7
SMBJ43AH
MT
47.8
52.8
1
43
1
9.0
69.4
SMBJ45H
MU
50.0
61.1
1
45
1
7.8
80.3
SMBJ45AH
MV
50.0
55.3
1
45
1
8.6
72.7
SMBJ48H
MW
53.3
65.1
1
48
1
7.3
85.5
SMBJ48AH
MX
53.3
58.9
1
48
1
8.1
77.4
SMBJ51H
MY
56.7
69.3
1
51
1
6.9
91.1
SMBJ51AH
MZ
56.7
62.7
1
51
1
7.6
82.4
SMBJ54H
ND
60.0
73.3
1
54
1
6.5
96.3
SMBJ54AH
NE
60.0
66.3
1
54
1
7.2
87.1
SMBJ58H
NF
64.4
78.7
1
58
1
6.1
103
SMBJ58AH
NG
64.4
71.2
1
58
1
6.7
93.6
SMBJ60H
NH
66.7
81.5
1
60
1
5.8
107
SMBJ60AH
NK
66.7
73.7
1
60
1
6.5
96.8
SMBJ64H
NL
71.1
86.9
1
64
1
5.5
114
SMBJ64AH
NM
71.1
78.6
1
64
1
6.1
103
SMBJ70H
NN
77.8
95.1
1
70
1
5.0
125
SMBJ70AH
NP
77.8
86
1
70
1
5.5
113
SMBJ75H
NQ
83.3
102
1
75
1
4.7
134
SMBJ75AH
NR
83.3
92.1
1
75
1
5.2
121
SMBJ78H
NS
86.7
106
1
78
1
4.5
139
SMBJ78AH
NT
86.7
95.8
1
78
1
5.0
126
SMBJ85H
NU
94.4
115
1
85
1
4.1
151
SMBJ85AH
NV
94.4
104
1
85
1
4.6
137
SMBJ90H
NW
100
122
1
90
1
3.9
160
SMBJ90AH
NX
100
111
1
90
1
4.3
146
SMBJ100H
NY
111
136
1
100
1
3.5
179
SMBJ100AH
NZ
111
123
1
100
1
3.8
162
SMBJ110H
PD
122
149
1
110
1
3.2
196
SMBJ110AH
PE
122
135
1
110
1
3.5
177
SMBJ120H
PF
133
163
1
120
1
2.9
214
SMBJ120AH
PG
133
147
1
120
1
3.2
193
SMBJ130H
PH
144
176
1
130
1
2.7
231
SMBJ130AH
PK
144
159
1
130
1
3.0
209
SMBJ150H
PL
167
204
1
150
1
2.3
266
SMBJ150AH
PM
167
185
1
150
1
2.5
243
SMBJ160H
PN
178
218
1
160
1
2.2
287
SMBJ160AH
PP
178
197
1
160
1
2.4
259
SMBJ170H
PQ
189
231
1
170
1
2.0
304



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com