Electronic Components Datasheet Search
  English  ▼

X  

AP6512 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AP6512
Description  Bobbintron Electrical Corporation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP6512 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AP6512 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 18Page - List of Unclassifed Manufacturers AP6512 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
http://www.bobbintron.com
BOBBINTRON ELECTRICAL CORPORATION
bec
AP48XX – 1C8
Series
48W
Desktop Power Supply
Electrical specifications :
Feature:
Input:
Universal Input 100V to 240VAC
Voltage……………. 100-240VAC
IEC Socket C8 Input
Current……………...1.2A rms Max
With Constant Current Function
Frequency…………..50-60 Hz
Charger for Lead Acid
Output:
Voltage (Vo)……………. (see table)
Tolerance…………………+/- 5%
Power (Po)……………….48W
Hold up time………………8mS min at Full Load, 115VAC
Environmental :
Over voltage protection……Built-in
Operating Temperature:
Short circuit protection…….Hiccup Mode, Auto Recovery
0 deg. C to 40 deg. C ambient
Efficiency………………….70% min, at Full Load and 115VAC
Storage Temperature:
Ripple/Noise (Vp-p)………2% (20M Hz Bandwidth)
-20 deg. C to 80 deg.C
Calculated MTBF………… Over 100 Khr at 25C
Output Electronic Specifications:
Model No.
Po
Vo
Io
AP48069-1C8
31W
6.9VDC
4.5A
AP48120-1C8
48W
12.0VDC
4.0A
AP48138-1C8
48W
13.8VDC
3.5A
AP48240-1C8
30W
24.0VDC
1.25A
AP48276-1C8
48W
27.6VDC
1.8A
AP48330-1C8
33W
33.0VDC
1.0A
AP48480-1C8
48W
48.0VDC
1.0A
AP48552-1C8
48W
55.2VDC
0.8A
EMI:
Meet FCC Class B and
CISPR 22 Class B
Safety:
UL/cUL/CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com